Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK4147 Datasheet (PDF) - Renesas Technology Corp

2SK4147 Datasheet PDF - Renesas Technology Corp
Part # 2SK4147
Download  2SK4147 Download
File Size   266.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

2SK4147 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4147 Datasheet PDF - Renesas Technology Corp

Part # 2SK4147
Download  2SK4147 Click to download

File Size   266.85 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

2SK4147 Datasheet (HTML) - Renesas Technology Corp


2SK4147 Product details

DESCRIPTION

The 2SK4147 is a switching element that is most suitable for use in DC-DC converter whose DC input voltage is 24 to 48 V. Having low on-resistance, excelling in the switching characteristics, and providing the small surface mounting outline, the 2SK4147 is ideal for use in high-speed switching of the devices on which space-saving and automation of mounting are promoted.



FEATURES

• Low input capacitance

   Ciss = 120 pF TYP.

• Low on-state resistance

   RDS(on)1 = 4.5 Ω MAX. (VGS = 10 V, ID = 0.25 A)

   RDS(on)2 = 5.2 Ω MAX. (VGS = 4.5 V, ID = 0.25 A)

   RDS(on)3 = 6.0 Ω MAX. (VGS = 4 V, ID = 0.25 A)

• 4.5 V drive available

• Small and surface mount package (SC-96)



 




Similar Part No. - 2SK4147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK414 ETC1-2SK414 Datasheet
153Kb / 3P
SILICON N-CHANNEL MOS FET
logo
Inchange Semiconductor ...
2SK414 ISC-2SK414 Datasheet
66Kb / 2P
Fast Switching Speed
logo
NEC
2SK4143 NEC-2SK4143 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
VBsemi Electronics Co.,...
2SK4143 VBSEMI-2SK4143 Datasheet
2Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK4143 ISC-2SK4143 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK4147

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2221 RENESAS-2SK2221 Datasheet
91Kb / 8P
Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
HD64F3644PV RENESAS-HD64F3644PV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F7047F50 RENESAS-HD64F7047F50 Datasheet
4Mb / 766P
Old Company Name in Catalogs and Other Documents
HD64F7144F50V RENESAS-HD64F7144F50V Datasheet
5Mb / 932P
Old Company Name in Catalogs and Other Documents
RD20FM-T1-AZ RENESAS-RD20FM-T1-AZ Datasheet
334Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F3664FPV RENESAS-HD64F3664FPV Datasheet
2Mb / 446P
Old Company Name in Catalogs and Other Documents
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com