Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21AT-ISN Datasheet (PDF) - Microchip Technology

24LC21AT-ISN Datasheet PDF - Microchip Technology
Part # 24LC21AT-ISN
Download  24LC21AT-ISN Download
File Size   357.64 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K 2.5V Dual Mode I2C??Serial EEPROM

24LC21AT-ISN Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC21AT-ISN Datasheet PDF - Microchip Technology

Part # 24LC21AT-ISN
Download  24LC21AT-ISN Click to download

File Size   357.64 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K 2.5V Dual Mode I2C??Serial EEPROM

24LC21AT-ISN Datasheet (HTML) - Microchip Technology


24LC21AT-ISN Product details

Description
The Microchip Technology Inc. 24LC21A is a 128 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Two modes of operation have been implemented:
Transmit-only mode and Bidirectional mode. Upon power-up, the device will be in the Transmit-only mode, sending a serial bit stream of the memory array from 00h to 7Fh, clocked by the VCLK pin. A valid high-to-low transition on the SCL pin will cause the device to enter the transition mode, and look for a valid control byte on the I2C bus. If it detects a valid control byte from the master, it will switch into Bidirectional mode, with byte selectable read/write capability of the memory array using SCL. If no control byte is received, the device will revert to the Transmit-only mode after it receives 128 consecutive VCLK pulses while the SCL pin is idle. The 24LC21A is available in a standard 8-pin PDIP and SOIC package in both commercial and industrial temperature ranges.

Features
• Single supply with operation down to 2.5V
• Completely implements DDC1™/DDC2™ interface for monitor identification, including recovery to DDC1
• Pin and function compatible with 24LC21
• Low-power CMOS technology
   - 1 mA typical active current
   - 10 µA standby current typical at 5.5V
• 2-wire serial interface bus, I2C™ compatible
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to eight bytes
• 1,000,000 erase/write cycles ensured
• Data retention > 200 years
• ESD Protection > 4000V
• 8-pin PDIP and SOIC package
• Available for extended temperature ranges
   - Commercial (C): 0°C to +70°C
   - Industrial (I): -40°C to +85°C




Similar Part No. - 24LC21AT-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21AT-I MICROCHIP-24LC21AT-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I MICROCHIP-24LC21AT-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I-P MICROCHIP-24LC21AT-I-P Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I-P MICROCHIP-24LC21AT-I-P Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I-SN MICROCHIP-24LC21AT-I-SN Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results


Similar Description - 24LC21AT-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21A-I MICROCHIP-24LC21A-I Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com