Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5064RLRAG Datasheet (PDF) - ON Semiconductor

2N5064RLRAG Datasheet PDF - ON Semiconductor
Part # 2N5064RLRAG
Download  2N5064RLRAG Download
File Size   116.99 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensitive Gate Silicon Controlled Rectifiers

2N5064RLRAG Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5064RLRAG Datasheet PDF - ON Semiconductor

Part # 2N5064RLRAG
Download  2N5064RLRAG Click to download

File Size   116.99 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Sensitive Gate Silicon Controlled Rectifiers

2N5064RLRAG Datasheet (HTML) - ON Semiconductor


2N5064RLRAG Product details

Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors

Annular PNPN devices designed for high volume consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO−92/TO-226AA package which is readily adaptable for use in automatic insertion equipment.

Features
• Sensitive Gate Trigger Current − 200μA Maximum
• Low Reverse and Forward Blocking Current − 50μA Maximum,
    TC = 110°C
• Low Holding Current − 5 mA Maximum
• Passivated Surface for Reliability and Uniformity
• Device Marking: Device Type, e.g., 2N5060, Date Code
• Pb−Free Packages are Available*




Similar Part No. - 2N5064RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5064RLRAG ONSEMI-2N5064RLRAG Datasheet
116Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
2N5064RLRAG ONSEMI-2N5064RLRAG Datasheet
116Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
September, 2011 - Rev. 10
More results


Similar Description - 2N5064RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com