Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS711 Datasheet (PDF) - Allegro MicroSystems

ACS711 Datasheet PDF - Allegro MicroSystems
Part # ACS711
Download  ACS711 Download
File Size   542.19 Kbytes
Page   18 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications

ACS711 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS711 Datasheet PDF - Allegro MicroSystems

Part # ACS711
Download  ACS711 Click to download

File Size   542.19 Kbytes
Page   18 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications

ACS711 Datasheet (HTML) - Allegro MicroSystems


ACS711 Product details

Description

The Allegro™ACS711 provides economical and precise solutions for AC or DC current sensing in <100 V audio, communications systems, and white goods. The device package allows for easy implementation by the customer. Typical applications include circuit protection, current monitoring, and motor and inverter control.



Features and Benefits

▪No external sense resistor required; single package solution

▪Reduced Power Loss:

  ▫0.6 mΩinternal conductor resistance on EX package

  ▫1.2 mΩinternal conductor resistance on LC package

▪Economical low- and high-side current sensing

▪Output voltage proportional to AC or DC currents

▪±12.5 A and ±25 A full scale sensing ranges on LC package

▪±15.5 A and ±31 A full scale sensing ranges on EX package

▪Overcurrent ¯F¯ ¯A¯ ¯U¯ ¯L¯ ¯T¯trips and latches at 100% of full-scale current

▪Low-noise analog signal path

▪100 kHz bandwidth

▪Small footprint, low-profile SOIC8 and QFN packages

▪3.0 to 5.5 V, single supply operation

▪Integrated electrostatic shield for output stability

▪Factory-trimmed for accuracy

▪Extremely stable output offset voltage

▪Zero magnetic hysteresis

▪Ratiometric output from supply voltage




Similar Part No. - ACS711

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS711KEXLT-15AB-J ALLEGRO-ACS711KEXLT-15AB-J Datasheet
875Kb / 14P
Hall-Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
ACS711KEXLT-31AB-J ALLEGRO-ACS711KEXLT-31AB-J Datasheet
875Kb / 14P
Hall-Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
ACS711XEX-J ALLEGRO-ACS711XEX-J Datasheet
875Kb / 14P
Hall-Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
ACS711 ALLEGRO-ACS711_16 Datasheet
985Kb / 16P
Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
More results


Similar Description - ACS711

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
Linear Hall-Effect Sensor with SENT Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
Linear Hall-Effect Sensor with PWM Output
logo
Winson Semiconductor Co...
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
logo
Allegro MicroSystems
ACS711 ALLEGRO-ACS711_16 Datasheet
985Kb / 16P
Hall Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
Linear Hall Effect Sensor With PWM Output
logo
Allegro MicroSystems
ACS711XEX-J ALLEGRO-ACS711XEX-J Datasheet
875Kb / 14P
Hall-Effect Linear Current Sensor with Overcurrent Fault Output for <100 V Isolation Applications
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com