Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050 Datasheet (PDF) - Analog Devices

ADP5050 Datasheet PDF - Analog Devices
Part # ADP5050
Download  ADP5050 Download
File Size   1291.93 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator

ADP5050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5050 Datasheet PDF - Analog Devices

Part # ADP5050
Download  ADP5050 Click to download

File Size   1291.93 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator

ADP5050 Datasheet (HTML) - Analog Devices


ADP5050 Product details

GENERAL DESCRIPTION
The ADP5050 combines four high performance buck regulators and one 200 mA low dropout (LDO) regulator in a 48-lead LFCSP package that meets demanding performance and board space requirements. The device enables direct connection to high input voltages up to 15 V with no preregulators.
Channel 1 and Channel 2 integrate high-side power MOSFETs and low-side MOSFET drivers. External NFETs can be used in low-side power devices to achieve an efficiency optimized solution and deliver a programmable output current of 1.2 A, 2.5 A, or 4 A. Combining Channel 1 and Channel 2 in a parallel configuration can provide a single output with up to 8 A of current. Channel 3 and Channel 4 integrate both high-side and low-side MOSFETs to deliver output current of 1.2 A.
The switching frequency of the ADP5050 can be programmed or synchronized to an external clock. The ADP5050 contains a precision enable pin on each channel for easy power-up sequencing or adjustable UVLO threshold.
The ADP5050 integrates a general-purpose LDO regulator with low quiescent current and low dropout voltage that provides up to 200 mA of output current.
The optional I2C interface provides the user with flexible configuration options, including adjustable and fixed output voltage options, junction temperature overheat warning, low input voltage detection, and dynamic voltage scaling (DVS).

FEATURES
   Wide input voltage range: 4.5 V to 15 V
   ±1.5% output accuracy over full temperature range
   250 kHz to 1.4 MHz adjustable switching frequency
   Adjustable/fixed output options via factory fuse or I2C interface
   I2C interface with interrupt on fault conditions
   Power regulation
      Channel 1 and Channel 2: programmable 1.2 A/2.5 A/4 A
         sync buck regulators with low-side FET driver
      Channel 3 and Channel 4: 1.2 A sync buck regulators
      Channel 5: 200 mA low dropout (LDO) regulator
   Single 8 A output (Channel 1 and Channel 2 operated in parallel)
   Dynamic voltage scaling (DVS) for Channel 1 and Channel 4
   Precision enable with 0.8 V accurate threshold
   Active output discharge switch
   Programmable phase shift in 90° steps
   Individual channel FPWM/PSM mode selection
   Frequency synchronization input or output
   Optional latch-off protection on OVP/OCP failure
   Power-good flag on selected channels
   Low input voltage detection
   Overheat detection on junction temperature
   UVLO, OCP, and TSD protection
   48-lead, 7 mm × 7 mm LFCSP package
   −40°C to +125°C junction temperature
  
APPLICATIONS
   Small cell base stations
   FPGA and processor applications
   Security and surveillance
   Medical applications




Similar Part No. - ADP5050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5050 AD-ADP5050 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
More results


Similar Description - ADP5050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
200 mA CMOS LDO Regulators
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
Triple Buck Regulator Integrated Power Solution
5/2020-Revision 0
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com