Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI8424CDB Datasheet (PDF) - Vishay Siliconix

SI8424CDB Datasheet PDF - Vishay Siliconix
Part # SI8424CDB
Download  SI8424CDB Download
File Size   243.75 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 8 V (D-S) MOSFET

SI8424CDB Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8424CDB Datasheet PDF - Vishay Siliconix

Part # SI8424CDB
Download  SI8424CDB Click to download

File Size   243.75 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 8 V (D-S) MOSFET

SI8424CDB Datasheet (HTML) - Vishay Siliconix


SI8424CDB Product details

FEATURES
• TrenchFET® power MOSFET
• Low-on resistance
• Ultra-small 1.6 mm x 1.6 mm maximum outline
• Ultra-thin 0.6 mm maximum height
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Mobile computing, smart phones, tablet PCs
    - Load switch
    - Low voltage drop switch




Similar Part No. - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI8424CDB TFUNK-SI8424CDB Datasheet
247Kb / 11P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB_V01 Datasheet
250Kb / 11P
N-Channel 8 V (D-S) MOSFET
20-Jul-15
More results


Similar Description - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
N-Channel 8-V (D-S) MOSFET
03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
N-Channel 8 V (D-S) MOSFET
26-Dec-11
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
N-Channel 8 V (D-S) MOSFET
10-Sep-12
logo
Vishay Telefunken
SI1050X TFUNK-SI1050X Datasheet
152Kb / 8P
N-Channel 8 V (D-S) MOSFET
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
N-Channel 8-V (D-S) MOSFET
17-Mar-08
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
N-Channel 8 V (D-S) MOSFET
23-Feb-15
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
N-Channel 8 V (D-S) MOSFET
11-Jul-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com