Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA82562EM Datasheet (PDF) - Intel Corporation

DA82562EM Datasheet PDF - Intel Corporation
Part # DA82562EM
Download  DA82562EM Download
File Size   458.57 Kbytes
Page   40 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82562ET 10/100 Mbps Platform LAN Connect (PLC)

DA82562EM Datasheet (PDF)

Go To PDF Page Download Datasheet
DA82562EM Datasheet PDF - Intel Corporation

Part # DA82562EM
Download  DA82562EM Click to download

File Size   458.57 Kbytes
Page   40 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 82562ET 10/100 Mbps Platform LAN Connect (PLC)

DA82562EM Datasheet (HTML) - Intel Corporation


DA82562EM Product details

Overview
The Intel® 82562ET is a highly-integrated Platform LAN Connect device designed for 10 or 100 Mbps Ethernet systems. It is based on the IEEE 10BASE-T and 100BASE-TX standards. The IEEE 802.3u standard for 100BASE-TX defines networking over two pairs of Category 5 unshielded twisted pair cable or Type 1 shielded twisted pair cable.

Features
• IEEE 802.3 10BASE-T/100BASE-TX compliant physical layer interface
• IEEE 802.3u Auto-Negotiation support
• Digital Adaptive Equalization control
• Link status interrupt capability
• XOR Tree mode support for board testing
• 3-port LED support (speed, link and activity)
• 10BASE-T auto-polarity correction
• Diagnostic loopback mode
• 1:1 transmit transformer ratio support
• Low power (less than 300 mW in active transmit mode)
• Reduced power in “unplugged mode” (less than 50 mW)
• Automatic detection of “unplugged mode”
• 3.3 V device
• 48-pin Shrink Small Outline Package
• Platform LAN connect interface support




Similar Part No. - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA82562ET INTEL-DA82562ET Datasheet
216Kb / 21P
82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EX INTEL-DA82562EX Datasheet
216Kb / 21P
82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EZ INTEL-DA82562EZ Datasheet
283Kb / 40P
82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results


Similar Description - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
82562ET 10/100 Mbps Platform LAN Connect (PLC)
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
logo
Intel Corporation
82562G INTEL-82562G Datasheet
503Kb / 44P
Mbps Platform LAN Connect
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
10/100 Mbps Platform LAN Connect
82562EP INTEL-82562EP Datasheet
356Kb / 24P
82562EP 10/100 Mbps Platform LAN Connect (PLC)
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
82563EB/82564EB Gigabit Platform LAN Connect
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
10/100 Mbps Platform LAN Connect (PLC)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com