Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189ASK.TRT Datasheet (PDF) - Semicoa Semiconductor

SC189ASK.TRT Datasheet PDF - Semicoa Semiconductor
Part # SC189ASK.TRT
Download  SC189ASK.TRT Download
File Size   1455.77 Kbytes
Page   24 Pages
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor
Description 2.5MHz, 1.5A Synchronous Step Down Regulator

SC189ASK.TRT Datasheet (PDF)

Go To PDF Page Download Datasheet
SC189ASK.TRT Datasheet PDF - Semicoa Semiconductor

Part # SC189ASK.TRT
Download  SC189ASK.TRT Click to download

File Size   1455.77 Kbytes
Page   24 Pages
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor
Description 2.5MHz, 1.5A Synchronous Step Down Regulator

SC189ASK.TRT Datasheet (HTML) - Semicoa Semiconductor




Similar Part No. - SC189ASK.TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC189ASKTRT SEMTECH-SC189ASKTRT Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
More results


Similar Description - SC189ASK.TRT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com