Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2707 Datasheet (PDF) - Rohm

2SD2707 Datasheet PDF - Rohm
Part # 2SD2707
Download  2SD2707 Download
File Size   634.89 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 150mA 50V Muting Transistors

2SD2707 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2707 Datasheet PDF - Rohm

Part # 2SD2707
Download  2SD2707 Click to download

File Size   634.89 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 150mA 50V Muting Transistors

2SD2707 Datasheet (HTML) - Rohm


2SD2707 Product details

Features

1) High DC current gain.

2) High emitter-base voltage. (VCBO=12V)

3) Lowsaturation voltage.
(Typ. VCE(sat)=0.3V at IC/IB=50mA/5mA)




Similar Part No. - 2SD2707

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
More results


Similar Description - 2SD2707

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
NPN 100mA 50V Digital Transistors
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistors
DTD143EK ROHM-DTD143EK_12 Datasheet
370Kb / 7P
NPN 500mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistors
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com