Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC01B-SN Datasheet (PDF) - Microchip Technology

24LC01B-SN Datasheet PDF - Microchip Technology
Part # 24LC01B-SN
Download  24LC01B-SN Download
File Size   515.81 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM

24LC01B-SN Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC01B-SN Datasheet PDF - Microchip Technology

Part # 24LC01B-SN
Download  24LC01B-SN Click to download

File Size   515.81 Kbytes
Page   35 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM

24LC01B-SN Datasheet (HTML) - Microchip Technology


24LC01B-SN Product details

DESCRIPTION

The Microchip Technology Inc. 24LC01B and 24LC02B are 1K bit and 2K bit Electrically Erasable PROMs. The devices are organized as a single block of 128 x 8 bit or 256 x 8 bit memory with a two wire serial interface. Low

voltage design permits operation down to 2.5 volts with a standby and active currents of only 5 µA and 1 mA

respectively. The 24LC01B and 24LC02B also have page-write capability for up to 8 bytes of data. The 24LC01B and 24LC02B are available in the standard 8-pin DIP and an 8-pin surface mount SOIC package. The SOT-23 and TSSOP packages are available for the 24LC01B.



FEATURES

• Single supply with operation down to 2.5V

• Low power CMOS technology

- 1 mA active current typical

- 10 µA standby current typical at 5.5V

- 5 µA standby current typical at 3.0V

• Organized as a single block of

128 bytes (128 x 8) -1K or 256 bytes (256 x 8) -2K

• 2-wire serial interface bus, I2C™ compatible

• 100 kHz (2.5V) and 400kHz (5.0V) compatibility

• Self-timed write cycle (including auto-erase)

• Page-write buffer for up to 8 bytes

• 2 ms typical write cycle time for page-write

• Hardware write protect for entire memory

• Can be operated as a serial ROM

• ESD protection > 3,000V

• 1,000,000 E/W cycles guaranteed

• Data retention > 200 years

• 8 pin DIP, SOIC, TSSOP* or SOT-23* package

• Available for temperature ranges

- Commercial (C): 0°C to +70°C

- Industrial (I): -40°C to +85°C

 




Similar Part No. - 24LC01B-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC01B-E/LT MICROCHIP-24LC01B-E/LT Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24LC01B-E/MC MICROCHIP-24LC01B-E/MC Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24LC01B-E/MNY MICROCHIP-24LC01B-E/MNY Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24LC01B-E/MS MICROCHIP-24LC01B-E/MS Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24LC01B-E/OT MICROCHIP-24LC01B-E/OT Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
More results


Similar Description - 24LC01B-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA01 MICROCHIP-24AA01_09 Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_10 Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24LC01BP MICROCHIP-24LC01BP Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009 02/04/09
24LC01BT-I MICROCHIP-24LC01BT-I Datasheet
607Kb / 34P
1K I2C Serial EEPROM
02/04/09
24LC01B-I MICROCHIP-24LC01B-I Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com