Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC02B-I-SN Datasheet (PDF) - Microchip Technology

24LC02B-I-SN Datasheet PDF - Microchip Technology
Part # 24LC02B-I-SN
Download  24LC02B-I-SN Download
File Size   605.54 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM

24LC02B-I-SN Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC02B-I-SN Datasheet PDF - Microchip Technology

Part # 24LC02B-I-SN
Download  24LC02B-I-SN Click to download

File Size   605.54 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM

24LC02B-I-SN Datasheet (HTML) - Microchip Technology


24LC02B-I-SN Product details

Description

The Microchip Technology Inc. 24AA02/24LC02B (24XX02*) is a 2 Kbit Electrically Erasable PROM. The device is organized as one block of 256 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.8V, with standby and active currents of only 1 µA and 1 mA, respectively. The 24XX02 also has a page write capability for up to 8 bytes of data. The 24XX02 is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP and MSOP packages and is also available in the 5-lead SOT-23 package.



Features

• Single supply with operation down to 1.8V

• Low-power CMOS technology

- 1 mA active current typical

- 1 µA standby current typical (I-temp)

• Organized as 1 block of 256 bytes (1 x 256 x 8)

• 2-wire serial interface bus, I2C™ compatible

• Schmitt Trigger inputs for noise suppression

• Output slope control to eliminate ground bounce

• 100 kHz (24AA02) and 400 kHz (24LC02B) compatibility

• Self-timed write cycle (including auto-erase)

• Page write buffer for up to 8 bytes

• 2 ms typical write cycle time for page write

• Hardware write-protect for entire memory

• Can be operated as a serial ROM

• Factory programming (QTP) available

• ESD protection > 4,000V

• 1,000,000 erase/write cycles

• Data retention > 200 years

• 8-lead PDIP, SOIC, TSSOP and MSOP packages

• 5-lead SOT-23 package

• Pb-free finish available

• Available for extended temperature ranges:

- Industrial (I): -40°C to +85°C

Automotive (E): -40°C to +125°C




Similar Part No. - 24LC02B-I-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
24LC02B-I/LT MICROCHIP-24LC02B-I/LT Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I/MC MICROCHIP-24LC02B-I/MC Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I/MNY MICROCHIP-24LC02B-I/MNY Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I/MS MICROCHIP-24LC02B-I/MS Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
More results


Similar Description - 24LC02B-I-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02BP MICROCHIP-24LC02BP Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC024-IP MICROCHIP-24LC024-IP Datasheet
538Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com