Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHR-12 Datasheet (PDF) - List of Unclassifed Manufacturers

PHR-12 Datasheet PDF - List of Unclassifed Manufacturers
Part # PHR-12
Download  PHR-12 Download
File Size   153.84 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Disconnectable Crimp style connectors

PHR-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHR-12 Datasheet PDF - List of Unclassifed Manufacturers

Part # PHR-12
Download  PHR-12 Click to download

File Size   153.84 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Disconnectable Crimp style connectors

PHR-12 Datasheet (HTML) - List of Unclassifed Manufacturers


PHR-12 Product details

[JST Crimp]

This is a thin, low-profile 2.0mm (.079") pitch connector 7.5mm (.295") in height after mounting and 4.5mm (.177") in width. It is designed to meet the demand for high-density connection of internal wires to printed circuit boards. It is compact, highly reliable and low in cost.

Features
• Reliable contact
    The contact has long dimples near the center to ensure a good connection at all times, even under conditions of vibration and mechanical abuse, and when used with low voltage and low current circuits.
• Easy and effective crimping
    Although the contact is compact, it has a long wire strip holding length of 2.6 +/- 0.4mm (.102" +/-.016"). This long length simplifies automatic crimping and the crimping of shielded wires.
• Fully shrouded header
    The fully shrouded header has walls on all four sides to prevent improper connection to the mating housing and to prevent the instruction of flux and other contaminants.
• High solderable square post
    The square post is copper-undercoated and tin/lead-plated for superior solderability and for whisker prevention.
• Printed circuit board retention mechanism
    The solder side of the header has a retention mechanism that prevents it from floating during soldering. As a result, the header can be positioned accurately.
• Compatible with the KR insulation displacement connector
    The same shrouded header can be used for either PH crimpstyle connector or KR insulation displacement connector. This allows both types of connector to be used interchangeably without replacing the header.
• Surface mount model (SMT)
    This connector is also available in a surface mount configuration. Its housing is made of heat resistant resin so that it is not adversely affected during reflow soldering.
    Because of its tiny size and ability to be surface mounted, this connector meets the demand for high-density mounting of components inside electronic products.




Similar Part No. - PHR-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHR-12 ETC2-PHR-12 Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
PHR-12 ETC2-PHR-12 Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
logo
Power Sonic Corporation
PHR-12100 POWER-SONIC-PHR-12100 Datasheet
429Kb / 2P
Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
PHR-12150 POWER-SONIC-PHR-12150 Datasheet
385Kb / 2P
Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
PHR-12200 POWER-SONIC-PHR-12200 Datasheet
463Kb / 2P
Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
More results


Similar Description - PHR-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
S4B-PH-SM4-TB ETC2-S4B-PH-SM4-TB Datasheet
302Kb / 3P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
Disconnectable Crimp style connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com