Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK64L5111A Datasheet (PDF) - OptoSupply International

OSK64L5111A Datasheet PDF - OptoSupply International
Part # OSK64L5111A
Download  OSK64L5111A Download
File Size   64.27 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Sakura Color LED

OSK64L5111A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSK64L5111A Datasheet PDF - OptoSupply International

Part # OSK64L5111A
Download  OSK64L5111A Click to download

File Size   64.27 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Sakura Color LED

OSK64L5111A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSK64L5111A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK64L56A1A OPTOSUPPLY-OSK64L56A1A Datasheet
66Kb / 1P
4.8mm Straw Sakura Color LED
More results


Similar Description - OSK64L5111A

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR5005S STANLEY-KR5005S Datasheet
261Kb / 1P
SINGLE COLOR LED 5mm Round Shape
logo
OptoSupply Internationa...
OSRBHS5A31A OPTOSUPPLY-OSRBHS5A31A Datasheet
97Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED
OSG74L5111A OPTOSUPPLY-OSG74L5111A Datasheet
104Kb / 1P
5mm Round Fluorescent Green Color LED
OSK64L56A1A OPTOSUPPLY-OSK64L56A1A Datasheet
66Kb / 1P
4.8mm Straw Sakura Color LED
OSK64L3131A OPTOSUPPLY-OSK64L3131A Datasheet
103Kb / 1P
3mm Round Sakura Color LED
OSK64LS1C1A OPTOSUPPLY-OSK64LS1C1A Datasheet
64Kb / 1P
3.5x2.8x1.9mm Sakura Color SMD LED
OSK64LZ281D OPTOSUPPLY-OSK64LZ281D Datasheet
65Kb / 1P
Super Flux Sakura Color LED
OSK64TS4C1A OPTOSUPPLY-OSK64TS4C1A Datasheet
108Kb / 1P
5x5x1.5mm Sakura Color Top SMD LED
OSK64LZ291P OPTOSUPPLY-OSK64LZ291P Datasheet
91Kb / 1P
Deluxe Power Super Flux Sakura Color LED
logo
BetLux Electronics
BL-L515 BETLUX-BL-L515 Datasheet
245Kb / 4P
5mm Round Type , FULL COLOR LED lamp
REV NO: V.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com