Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSRBMS5A31A-1V Datasheet (PDF) - OptoSupply International

OSRBMS5A31A-1V Datasheet PDF - OptoSupply International
Part # OSRBMS5A31A-1V
Download  OSRBMS5A31A-1V Download
File Size   115.13 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Module 1.2V Bi-Color Flashing LED 1.8HZ 1/2Cycle

OSRBMS5A31A-1V Datasheet (PDF)

Go To PDF Page Download Datasheet
OSRBMS5A31A-1V Datasheet PDF - OptoSupply International

Part # OSRBMS5A31A-1V
Download  OSRBMS5A31A-1V Click to download

File Size   115.13 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Module 1.2V Bi-Color Flashing LED 1.8HZ 1/2Cycle

OSRBMS5A31A-1V Datasheet (HTML) - OptoSupply International


OSRBMS5A31A-1V Product details

■ Features
● High Luminous LEDs
● 5mm Round Standard Directivity
● Superior Weather-resistance
● UV Resistant Epoxy
● Used 0.8~1.6V DC Drive (Such 1 piece AA or AAA Size Battery )
● Cost Effective (Saves Space and battery Cost)
● Bi-Color
● Water Clear Type

■ Applications
● Flashlight
● Other Lighting




Similar Part No. - OSRBMS5A31A-1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRBMS5A31A OPTOSUPPLY-OSRBMS5A31A Datasheet
103Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED 1.8Hz 1/2 Duty Cycle
OSRBMS5A31A OPTOSUPPLY-OSRBMS5A31A Datasheet
106Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED 1.8Hz 1/2 Duty Cycle
OSRBMS5A31A OPTOSUPPLY-OSRBMS5A31A_09 Datasheet
106Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED 1.8Hz 1/2 Duty Cycle
More results


Similar Description - OSRBMS5A31A-1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRBMS5A31A OPTOSUPPLY-OSRBMS5A31A Datasheet
103Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED 1.8Hz 1/2 Duty Cycle
OSRBMS5A31A OPTOSUPPLY-OSRBMS5A31A_09 Datasheet
106Kb / 1P
5mm Round Bi-Color Flashing Red & Blue LED 1.8Hz 1/2 Duty Cycle
OSYBMS5A31A OPTOSUPPLY-OSYBMS5A31A_09 Datasheet
104Kb / 1P
5mm Round Bi-Color Flashing Yellow & Blue LED 1.8Hz 1/2 Duty Cycle
OSBWDS5A32A-W1V OPTOSUPPLY-OSBWDS5A32A-W1V Datasheet
114Kb / 1P
5mm Round Module 1.2V Bi-Color Flashing LED 1.8HZ 1/2Cycle
OSR5MS5A31A-1V OPTOSUPPLY-OSR5MS5A31A-1V Datasheet
73Kb / 1P
5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
OST1MC5A31A-1V OPTOSUPPLY-OST1MC5A31A-1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OST1MC5A32A-1V OPTOSUPPLY-OST1MC5A32A-1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OST1MC5A32A-W1V OPTOSUPPLY-OST1MC5A32A-W1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OSW5DS5A31A-W1V OPTOSUPPLY-OSW5DS5A31A-W1V Datasheet
114Kb / 1P
5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
OSXXXS5A32A1V_VER.A.2 OPTOSUPPLY-OSXXXS5A32A1V_VER.A.2 Datasheet
133Kb / 1P
5mm round module 1.2v bi-color flashing led 1.8hz 1/2cycle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com