Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

316867-1 Datasheet (PDF) - Tyco Electronics

316867-1 Datasheet PDF - Tyco Electronics
Part # 316867-1
Download  316867-1 Download
File Size   30.0 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SEAL RUBBER FOR 060 CONTACT

316867-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
316867-1 Datasheet PDF - Tyco Electronics

Part # 316867-1
Download  316867-1 Click to download

File Size   30.0 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SEAL RUBBER FOR 060 CONTACT

316867-1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 316867-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3168 ETC2-3168 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3168 ETC2-3168 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3168 HEYCO-3168 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Adafruit Industries
3168 ADAFRUIT-3168 Datasheet
141Kb / 2P
Silicone Cover Stranded-Core Wire - 50ft 30AWG Green
logo
Keystone Electronics Co...
3168 KEYSTONE-3168 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 316867-1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBI100T-060 FUJI-4MBI100T-060 Datasheet
520Kb / 14P
4MBI100T-060
logo
Molex Electronics Ltd.
0359030075 MOLEX5-0359030075 Datasheet
101Kb / 2P
Silicone Rubber Wire Rear-Seal for Automotive Horn Connector, Use with 35215 Housing
0359030106 MOLEX5-0359030106 Datasheet
85Kb / 2P
Earth Silicone Rubber Wire Seal for Sealed PT Bulb Socket
0359030096 MOLEX5-0359030096 Datasheet
87Kb / 2P
Positive Silicone Rubber Wire Seal for Sealed PT Bulb Socket
logo
Broadcom Corporation.
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
PHOENIX CONTACT
1680377 PHOENIX-1680377 Datasheet
71Kb / 2P
Rubber seal for Pg screw connection 13.5, for conductor diameter 4.0mm, 6.5 mm
1680380 PHOENIX-1680380 Datasheet
75Kb / 3P
Rubber seal for Pg screw connection 13.5, for conductor diameter 6.5mm, 9.5 mm
1680393 PHOENIX-1680393 Datasheet
76Kb / 3P
Rubber seal for Pg screw connection 13.5, for conductor diameter 9.0mm ... 13.0 mm
logo
TE Connectivity Ltd
C-WS-35-001 TEC-C-WS-35-001 Datasheet
139Kb / 1P
WIRE SEAL, 35mm SEAL RANGE - 10.59mm-11.59mm 8mm CONTACT
logo
Molex Electronics Ltd.
ATS-639111200 MOLEX-ATS-639111200 Datasheet
224Kb / 6P
T2 Terminator for 1.52mm (.060) Crimp Terminal
09-24-08
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com