Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB3 Datasheet (PDF) - Rohm

EMB3 Datasheet PDF - Rohm
Part # EMB3
Download  EMB3 Download
File Size   447.56 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors

EMB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB3 Datasheet PDF - Rohm

Part # EMB3
Download  EMB3 Click to download

File Size   447.56 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors

EMB3 Datasheet (HTML) - Rohm


EMB3 Product details

General purpose (dual digital transistors)

Features
1) Two DTA114T chips in a EMT or UMT or SMT package.




Similar Part No. - EMB3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB3 ROHM-EMB3 Datasheet
57Kb / 2P
General purpose (dual digital transistors)
EMB3 ROHM-EMB3 Datasheet
70Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
EMB3 JIANGSU-EMB3 Datasheet
3Mb / 3P
Dual Digital Transistors (PNPPNP)
logo
Rohm
EMB3 ROHM-EMB3 Datasheet
1Mb / 10P
General purpose Dual digital transistor
More results


Similar Description - EMB3

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
NPN 100mA 50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
NPN 100mA 50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com