Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WG82574L Datasheet (PDF) - Intel Corporation

WG82574L Datasheet PDF - Intel Corporation
Part # WG82574L
Download  WG82574L Download
File Size   2942.49 Kbytes
Page   472 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 64-bit address master support for systems using more than 4 GB of physical memory

WG82574L Datasheet (PDF)

Go To PDF Page Download Datasheet
WG82574L Datasheet PDF - Intel Corporation

Part # WG82574L
Download  WG82574L Click to download

File Size   2942.49 Kbytes
Page   472 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 64-bit address master support for systems using more than 4 GB of physical memory

WG82574L Datasheet (HTML) - Intel Corporation


WG82574L Product details

Introduction

The 82574 family (82574L and 82574IT) are single, compact, low power components that offer a fully-integrated Gigabit Ethernet Media Access Control (MAC) and Physical Layer (PHY) port. The 82574 uses the PCI Express* (PCIe*) architecture and provides a single-port implementation in a relatively small area so it can be used for server and client configurations as a LAN on Motherboard (LOM) design. The 82574 family can also be used in embedded applications such as switch add-on cards and network appliances.



External interfaces provided on the 82574:

• PCIe Rev. 1.1 (2.5 GHz) x1

• MDI (Copper) standard IEEE 802.3 Ethernet interface for 1000BASE-T, 100BASE-TX, and 10BASE-T applications (802.3, 802.3u, and 802.3ab)

• NC-SI or SMBus connection to a Manageability Controller (MC)

• IEEE 1149.1 JTAG (note that BSDL testing is NOTsupported)



Additional product details:

• 9 mm x 9 mm 64-pin QFN package

• Support for PCI 3.0 Vital Product Data (VPD)

• IPMI MC pass through; multi-drop NC-SI

• TimeSync offload compliant with 802.1as specification



 




Similar Part No. - WG82574L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WG8026S ETC1-WG8026S Datasheet
463Kb / 4P
GATE TURN THYRISTORS
WG8046S ETC1-WG8046S Datasheet
463Kb / 4P
GATE TURN THYRISTORS
logo
ATGBICS by Approved Tec...
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Similar Description - WG82574L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
logo
Axiomtek Co., Ltd.
SHB100 AXIOMTEK-SHB100 Datasheet
139Kb / 1P
2 DDR2 DIMM support up to 4 GB memory
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com