Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9N90 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM9N90 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM9N90
Download  TSM9N90 Download
File Size   429.8 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 900V N-Channel Power MOSFET

TSM9N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM9N90 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM9N90
Download  TSM9N90 Click to download

File Size   429.8 Kbytes
Page   10 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 900V N-Channel Power MOSFET

TSM9N90 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM9N90 Product details

General Description

The TSM9N90 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply, electronic lamp ballast based on half



Features

● Low RDS(ON) 1.4Ω (Max.)

● Low gate charge typical @ 65nC (Typ.)

● Improve dv/dt capability




Similar Part No. - TSM9N90

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9N90CIC0G TSC-TSM9N90CIC0G Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM9N90CZC0G TSC-TSM9N90CZC0G Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM9N90E TSC-TSM9N90E Datasheet
882Kb / 8P
900V, 9A, 1.4廓 N-Channel Power MOSFET
TSM9N90ECIC0G TSC-TSM9N90ECIC0G Datasheet
882Kb / 8P
900V, 9A, 1.4廓 N-Channel Power MOSFET
TSM9N90ECZC0G TSC-TSM9N90ECZC0G Datasheet
882Kb / 8P
900V, 9A, 1.4廓 N-Channel Power MOSFET
More results


Similar Description - TSM9N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
900V N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com