Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX Datasheet (PDF) - AVX Corporation

SMX Datasheet PDF - AVX Corporation
Part # SMX
Download  SMX Download
File Size   163.52 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C

SMX Datasheet (PDF)

Go To PDF Page Download Datasheet
SMX Datasheet PDF - AVX Corporation

Part # SMX
Download  SMX Click to download

File Size   163.52 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C

SMX Datasheet (HTML) - AVX Corporation




Similar Part No. - SMX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMX-1 INFINEON-SMX-1 Datasheet
113Kb / 4P
Microwave Motion Sensor
1999-04-01
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
logo
SOVICO corp.
SMX-14 SOVICO-SMX-14 Datasheet
3Mb / 1P
STEREO 4BUS MIXER
SMX-16 SOVICO-SMX-16 Datasheet
3Mb / 1P
MIXING CONSOLE
logo
QUARTZCOM the communica...
SMX-1C-A QUARTZCOM-SMX-1C-A Datasheet
115Kb / 1P
Full ceramic SMD Crystal Reliable, low cost crystal
More results


Similar Description - SMX

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
1210GC102KAT1A AVX-1210GC102KAT1A Datasheet
98Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SXP AVX-SXP Datasheet
101Kb / 2P
SMPS Molded Radial MLC Capacitors SXP Style for High Temperature Applications up to 200쨘C
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
SV14AA103KAR AVX-SV14AA103KAR Datasheet
251Kb / 4P
High Voltage MLC Radials (SV Style) Application Information on High Voltage MLC Capacitors
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com