Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet (PDF) - Microchip Technology

PIC16F753 Datasheet PDF - Microchip Technology
Part # PIC16F753
Download  PIC16F753 Download
File Size   4369.68 Kbytes
Page   238 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F753 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F753 Datasheet PDF - Microchip Technology

Part # PIC16F753
Download  PIC16F753 Click to download

File Size   4369.68 Kbytes
Page   238 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC16F753 Datasheet (HTML) - Microchip Technology


PIC16F753 Product details

DEVICE OVERVIEW

The PIC16F753/HV753 devices are covered by this data sheet. They are available in 14-pin PDIP, SOIC, TSSOP and 16-pin QFN packages. Block Diagrams and pinout descriptions of the devices are shown in Figure 1-1and Table 1- 1.



High-Performance RISC CPU:

• Only 35 Instructions to Learn:

  - All single-cycle instructions except branches

• Operating Speed:

  - DC – 20 MHz clock input

  - DC – 200 ns instruction cycle

• 2048 x 14 On-chip Flash Program Memory

• Self Read/Write Program Memory

• 128 x 8 General Purpose Registers (SRAM)

• Interrupt Capability

• 8-Level Deep Hardware Stack

• Direct, Indirect and Relative Addressing modes



Microcontroller Features:

• Precision Internal Oscillator:

  - Factory calibrated to ±1%, typical

  - Software selectable frequency: 8 MHz, 4 MHz, 1 MHz or 31 kHz

  - Software tunable

• Power-Saving Sleep mode

• Voltage Range (PIC16F753):

  - 2.0V to 5.5V

• Shunt Voltage Regulator (PIC16HV753):

  - 2.0V to user defined

  - 5-volt regulation

  - 1 mA to 50 mA shunt range

• Multiplexed Master Clear with Pull-up/Input Pin

• Interrupt-on-Change Pins

• Individually Programmable Weak Pull-ups

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Brown-out Reset (BOR)

• Watchdog Timer (WDT) with Internal Oscillator for Reliable Operation

• Industrial and Extended Temperature Range

• High Endurance Flash:

- 100,000 write Flash endurance

- Flash retention: >40 years

• Programmable Code Protection

• In-Circuit Debug (ICD) via Two Pins

• In-Circuit Serial Programming™ (ICSP™) via Two Pins



Low-Power Features:

• Standby Current:

  - 50 nA @ 2.0V, typical

• Operating Current:

  - 11 uA @ 32 kHz, 2.0V, typical

  - 260 uA @ 4 MHz, 2.0V, typical

• Watchdog Timer Current:

• <1 uA @ 2.0V, typical



Peripheral Features:

• 11 I/O Pins and one Input-only Pin

• High Current Source/Sink:

  - 50 mA I/O, (two pins)

  - 25 mA I/O, (nine pins)

• Two High-Speed Analog Comparator modules:

  - 50 ns response time

  - Fixed Voltage Reference (FVR)

  - Programmable on-chip voltage reference via integrated 9-bit DAC

  - Internal/external inputs and outputs (selectable)

  - Built-in Hysteresis (software selectable)

• A/D Converter:

  - 10-bit resolution

  - Eight external channels

  - Two internal reference voltage channels

• Operational Amplifier:

  - Three terminal operations

  - Internal connections to DAC and FVR

• Digital-to-Analog Converter (DAC):

  - 9-bit resolution

  - Full Range output

  - 4 mV steps @ 2.0V (Limited Range)

• Fixed Voltage Reference (FVR), 1.2V Reference

• Capture, Compare, PWM (CCP) module:

  - 16-bit Capture, max. resolution = 12.5 ns

  - 16-bit Compare, max. resolution = 200 ns

  - 10-bit PWM, max. frequency = 20 kHz

• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler

• Enhanced Timer1:

  - 16-bit Timer/Counter with Prescaler

  - External Timer1 Gate (count enable)

  - Four Selectable Clock sources

• Timer2: 8-Bit Timer/Counter with Prescaler

  - 8-Bit Period Register and Postscaler

• Two Hardware Limit Timers (HLT):

  - 8-bit Timer with Prescaler

  - 8-bit period register and postscaler

  - Asynchronous H/W Reset sources

• Complementary Output Generator (COG):

  - Complementary Waveforms from selectable sources

  - Two I/O (50 mA) for direct MOSFET drive

  - Rising and/or Falling edge dead-band control

  - Phase control, Blanking control

  - Auto-shutdown

  - Slope Compensation Circuit for use with SMPS power supplies




Similar Part No. - PIC16F753

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F753 MICROCHIP-PIC16F753 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
PIC16F753 MICROCHIP-PIC16F753 Datasheet
4Mb / 230P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/27/15
PIC16F753-I/ML MICROCHIP-PIC16F753-I/ML Datasheet
4Mb / 230P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/27/15
PIC16F753 MICROCHIP-PIC16F753_V01 Datasheet
4Mb / 230P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/27/15
More results


Similar Description - PIC16F753

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com