Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F25K80 Datasheet (PDF) - Microchip Technology

PIC18F25K80 Datasheet PDF - Microchip Technology
Part # PIC18F25K80
Download  PIC18F25K80 Download
File Size   5154.45 Kbytes
Page   622 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology

PIC18F25K80 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F25K80 Datasheet PDF - Microchip Technology

Part # PIC18F25K80
Download  PIC18F25K80 Click to download

File Size   5154.45 Kbytes
Page   622 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN??and nanoWatt XLP Technology

PIC18F25K80 Datasheet (HTML) - Microchip Technology


PIC18F25K80 Product details

DEVICE OVERVIEW

This document contains device specific information about the following devices:

   • PIC16F73

   • PIC16F74

   • PIC16F76

   • PIC16F77

PIC16F73/76 devices are available only in 28-pin packages, while PIC16F74/77 devices are available in 40-pin and 44-pin packages.



High Performance RISC CPU:

• High performance RISC CPU

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches which are two-cycle

• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle

• Up to 8K x 14 words of FLASH Program Memory, Up to 368 x 8 bytes of Data Memory (RAM)

• Pinout compatible to the PIC16C73B/74B/76/77

• Pinout compatible to the PIC16F873/874/876/877

• Interrupt capability (up to 12 sources)

• Eight level deep hardware stack

• Direct, Indirect and Relative Addressing modes

• Processor read access to program memory



Special Microcontroller Features:

• Power-on Reset (POR)

• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code protection

• Power saving SLEEP mode

• Selectable oscillator options

• In-Circuit Serial Programming™ (ICSP™) via two pins



Peripheral Features:

• Timer0: 8-bit timer/counter with 8-bit prescaler

• Timer1: 16-bit timer/counter with prescaler, can be incremented during SLEEP via external crystal/clock

• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler

• Two Capture, Compare, PWM modules

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10-bit

• 8-bit, up to 8-channel Analog-to-Digital converter

• Synchronous Serial Port (SSP) with SPI™ (Master mode) and I2C™ (Slave)

• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)

• Parallel Slave Port (PSP), 8-bits wide with external RD, WR and CS controls (40/44-pin only)

• Brown-out detection circuitry for Brown-out Reset (BOR)



CMOS Technology:

• Low power, high speed CMOS FLASH technology

• Fully static design

• Wide operating voltage range: 2.0V to 5.5V

• High Sink/Source Current: 25 mA

• Industrial temperature range

• Low power consumption:

   - < 2 mA typical @ 5V, 4 MHz

   - 20 µA typical @ 3V, 32 kHz

   - < 1 µA typical standby current



 




Similar Part No. - PIC18F25K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F25K80 MICROCHIP-PIC18F25K80 Datasheet
5Mb / 628P
28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC18F25K80 MICROCHIP-PIC18F25K80 Datasheet
376Kb / 52P
Flash Microcontroller Programming Specification
08/04/10 2011
PIC18F25K80-E/SS MICROCHIP-PIC18F25K80-E/SS Datasheet
5Mb / 628P
28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC18F25K80E/PDIP MICROCHIP-PIC18F25K80E/PDIP Datasheet
4Mb / 627P
28/40/44/64-Pin, Enhanced Flash Microcontrollers
08/04/10
PIC18F25K80E/QFN MICROCHIP-PIC18F25K80E/QFN Datasheet
4Mb / 627P
28/40/44/64-Pin, Enhanced Flash Microcontrollers
08/04/10
More results


Similar Description - PIC18F25K80

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F66K80 MICROCHIP-PIC18F66K80 Datasheet
5Mb / 628P
28/40/44/64-Pin, Enhanced Flash Microcontrollers, with ECAN??and nanoWatt XLP Technology
2011
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com