Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5024 Datasheet (PDF) - Analog Devices

ADP5024 Datasheet PDF - Analog Devices
Part # ADP5024
Download  ADP5024 Download
File Size   758.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs

ADP5024 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5024 Datasheet PDF - Analog Devices

Part # ADP5024
Download  ADP5024 Click to download

File Size   758.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs

ADP5024 Datasheet (HTML) - Analog Devices


ADP5024 Product details

GENERAL DESCRIPTION
The ADP5037 combines two high performance buck regulators and two low dropout (LDO) regulators in a small, 24-lead 4 mm × 4 mm LFCSP to meet demanding performance and board space requirements.
The high switching frequency of the buck regulators enables tiny multilayer external components and minimizes the board space. When the MODE pin is set high, the buck regulators operate in forced PWM mode. When the MODE pin is set low and the load is above a predefined threshold, the buck regulators operate in PWM mode. When the load current falls below a predefined threshold, the regulator operates in power save mode (PSM), improving the light-load efficiency.

FEATURES
   Main input voltage range: 2.3 V to 5.5 V
   Two 800 mA buck regulators and two 300 mA LDOs
   24-lead, 4 mm × 4 mm LFCSP package
   Regulator accuracy: ±1.8%
   Factory programmable or external adjustable VOUTx
   3 MHz buck operation with forced PWM and auto PWM/PSM
      modes
   BUCK1/BUCK2: output voltage range from 0.8 V to 3.8 V
   LDO1/LDO2: output voltage range from 0.8 V to 5.2 V
   LDO1/LDO2: input supply voltage from 1.7 V to 5.5 V
   LDO1/LDO2: high PSRR and low output noise

APPLICATIONS
   Power for processors, ASICS, FPGAs, and RF chipsets
   Portable instrumentation and medical devices
   Space constrained devices




Similar Part No. - ADP5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
ADP5024 AD-ADP5024 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5024 AD-ADP5024 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5024 AD-ADP5024 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
ADP5024ACPZ-1-R7 AD-ADP5024ACPZ-1-R7 Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
More results


Similar Description - ADP5024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com