Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP260MPBF Datasheet (PDF) - International Rectifier

IRFP260MPBF Datasheet PDF - International Rectifier
Part # IRFP260MPBF
Download  IRFP260MPBF Download
File Size   641.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET

IRFP260MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP260MPBF Datasheet PDF - International Rectifier

Part # IRFP260MPBF
Download  IRFP260MPBF Click to download

File Size   641.1 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET

IRFP260MPBF Datasheet (HTML) - International Rectifier


IRFP260MPBF Product details

VDSS = 200V
RDS(on) = 0.04Ω
ID = 50A

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Ease of Paralleling
● Simple Drive Requirements
● Lead-Free




Similar Part No. - IRFP260MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP260MPBF IRF-IRFP260MPBF Datasheet
641Kb / 8P
Advanced Process Technology
logo
Infineon Technologies A...
IRFP260MPBF INFINEON-IRFP260MPBF Datasheet
1Mb / 9P
Advanced Process Technology
2020-05-28
logo
International Rectifier
IRFP260MPBF IRF-IRFP260MPBF_15 Datasheet
641Kb / 8P
Advanced Process Technology
More results


Similar Description - IRFP260MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com