Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2354 Datasheet (PDF) - List of Unclassifed Manufacturers

T2354 Datasheet PDF - List of Unclassifed Manufacturers
Part # T2354
Download  T2354 Download
File Size   473.68 Kbytes
Page   9 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description A range of professional quality tweezers

T2354 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2354 Datasheet PDF - List of Unclassifed Manufacturers

Part # T2354
Download  T2354 Click to download

File Size   473.68 Kbytes
Page   9 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description A range of professional quality tweezers

T2354 Datasheet (HTML) - List of Unclassifed Manufacturers


T2354 Product details

[Carl Kammerling]



Range Description

A range of professional quality tweezers



Features

Precision Tweezers

• Precision tweezers for the intricate gripping, positioning and holding tasks encountered in assembly and maintenance/repair work, commonly found in electronic and precision manufacturing industries.

• Manufactured using the highest quality materials and production techniques



Carbofib Tweezers

• PA66/CF30 Polyamide 66 reinforced with 30% carbon fibre

• ESD compliant material

• Heat stabilised

• Very high rigidity, excellent tensile and flexural strength, fatigue and creep resistant

• Low friction, self lubricating properties, excellent wear and abrasion properties

• Heat resistant up to 10000C

• Good chemical resistance (oils, grease, fuels, non-polar solvents) Not resistant to acids, alkalies, and hot water or steam

• Very low coefficient of linear thermal expansion

• Solder (soft and hard) can not adhere to the surface



Ceramic Tweezers

• Zirconia toughened Alumina (ZTA)

• A superior combination of high strength (from the zirconia) and high hardness (from the Alumina)

• Relatively low density

• No open porosity

• Very hard surface, good abrasion and wear resistance

• Flexible and resistant to fracture

• Excellent thermal properties and high temperature stability

• Extreme corrosion resistance, nearly chemically inert

• 100% electrically insulating



 




Similar Part No. - T2354

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T2351N EUPEC-T2351N Datasheet
279Kb / 9P
Phase Control Thyristor
logo
Infineon Technologies A...
T2351N INFINEON-T2351N Datasheet
348Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2015-09-18 Revision: 7.1
More results


Similar Description - T2354

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
logo
OmniVision Technologies...
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
Superior Image Quality for Professional Grade CCTV Cameras
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
Superior Image Quality for Professional Grade IP Cameras
logo
List of Unclassifed Man...
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
Professional quality inspection mirrors
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
logo
Hammond Manufacturing L...
1589H4C1 HAMMOND-1589H4C1 Datasheet
61Kb / 2P
Supply of commercial / industrial quality bars 20 A
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com