Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830 Datasheet (PDF) - Analog Devices

AD830 Datasheet PDF - Analog Devices
Part # AD830_10
Download  AD830 Download
File Size   363.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Video Difference Amplifier

AD830 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD830 Datasheet PDF - Analog Devices

Part # AD830_10
Download  AD830 Click to download

File Size   363.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Video Difference Amplifier

AD830 Datasheet (HTML) - Analog Devices


AD830 Product details

GENERAL DESCRIPTION
The AD830 is a wideband, differencing amplifier designed for use at video frequencies but also useful in many other applications. It accurately amplifies a fully differential signal at the input and produces an output voltage referred to a user-chosen level. The undesired common-mode signal is rejected, even at high frequencies. High impedance inputs ease interfacing to finite source impedances and, thus, preserve the excellent common mode rejection. In many respects, it offers significant improvements over discrete difference amplifier approaches, in particular in high frequency common-mode rejection.
The wide common-mode and differential voltage range of the AD830 make it particularly useful and flexible in level shifting applications but at lower power dissipation than discrete solutions. Low distortion is preserved over the many possible differential and common-mode voltages at the input and output.
Good gain flatness and excellent differential gain of 0.06% and phase of 0.08° make the AD830 suitable for many video system applications. Furthermore, the AD830 is suited for general-purpose signal processing from dc to 10 MHz.

FEATURES
   Differential amplification
   Wide common-mode voltage range: +12.8 V to −12 V
   Differential voltage: ±2 V
   High CMRR: 60 dB at 4 MHz
   Built-in differential clipping level: ±2.3 V
   Fast dynamic performance
   85 MHz unity gain bandwidth
   35 ns settling time to 0.1%
   360 V/μs slew rate
   Symmetrical dynamic response
   Excellent video specifications
   Differential gain error: 0.06%
   Differential phase error: 0.08°
   15 MHz (0.1 dB) bandwidth
   Flexible operation
   High output drive of ±50 mA min
   Specified with both ±5 V and ±15 V supplies
   Low distortion: THD = −72 dB @ 4 MHz
   Excellent DC performance: 3 mV max input
      Offset voltage
  
APPLICATIONS
   Differential line receiver
   High speed level shifter
   High speed in-amp
   Differential to single-ended conversion
   Resistorless summation and subtraction
   High speed analog-to-digital converter




Similar Part No. - AD830_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_17 Datasheet
540Kb / 20P
High Speed, Video Difference Amplifier
Jan-2018
More results


Similar Description - AD830_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
High Speed, Video Difference Amplifier
Jan-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com