Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG4612 Datasheet (PDF) - Analog Devices

ADG4612 Datasheet PDF - Analog Devices
Part # ADG4612
Download  ADG4612 Download
File Size   393.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance

ADG4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG4612 Datasheet PDF - Analog Devices

Part # ADG4612
Download  ADG4612 Click to download

File Size   393.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance

ADG4612 Datasheet (HTML) - Analog Devices


ADG4612 Product details

GENERAL DESCRIPTION

The ADG4612/ADG4613 contain four independent single pole/single-throw (SPST) switches. The ADG4612 switches are turned on with Logic 1 on the appropriate control input. The ADG4613 has two switches with digital control logic similar to that of the ADG4612; the logic is inverted on the other two switches.



FEATURES

Power-off protection

  Switch guaranteed off with no power supplies present

  Inputs are high impedance with no power

Switch turns off when input > VDD+ VT

Overvoltage protection up to 16 V

PSS robust

Negative signal capability passes signals down to −5.5 V

6.1 Ω maximum on resistance

1.4 Ω on-resistance flatness

±3 V to ±5.5 V dual supply

3 V to 12 V single supply

3 V logic compatible inputs

Rail-to-rail operation

16-lead TSSOP and 16-lead 3 mm × 3 mm LFCSP



APPLICATIONS

Hot swap applications

Data acquisition systems

Battery-powered systems

Automatic test equipment

Communication systems

Relay replacement




Similar Part No. - ADG4612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG465 AD-ADG465 Datasheet
108Kb / 8P
Single Channel Protector in an SOT-23 Package
REV.A
ADG465BRM AD-ADG465BRM Datasheet
108Kb / 8P
Single Channel Protector in an SOT-23 Package
REV.A
ADG465BRT AD-ADG465BRT Datasheet
108Kb / 8P
Single Channel Protector in an SOT-23 Package
REV.A
ADG465 AD-ADG465_15 Datasheet
116Kb / 8P
Single Channel Protector in an SOT-23 Package
REV. A
ADG466 AD-ADG466 Datasheet
231Kb / 10P
Triple and Octal Channel Protectors
REV.A
More results


Similar Description - ADG4612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
1.6 Ω On Resistance, ± 5 V, 12 V, and 3 V Quad SPST Switches
22-Jun-2020
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com