Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300 Datasheet (PDF) - Analog Devices

ADP3300 Datasheet PDF - Analog Devices
Part # ADP3300_01
Download  ADP3300 Download
File Size   133.26 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator

ADP3300 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3300 Datasheet PDF - Analog Devices

Part # ADP3300_01
Download  ADP3300 Click to download

File Size   133.26 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator

ADP3300 Datasheet (HTML) - Analog Devices


ADP3300 Product details

GENERAL DESCRIPTION
The ADP3300 is a member of the ADP330x family of precision low dropout anyCAP voltage regulators. The ADP3300 stands out from conventional LDOs with a novel architecture and an enhanced process. Its patented design requires only a 0.47 µF output capacitor for stability. This device is stable with any capacitor, regardless of its ESR (Equivalent Series Resistance) value, including ceramic types (MLCC) for space restricted applications. The ADP3300 achieves exceptional accuracy of ±0.8% at room temperature and ±1.4% overall accuracy over temperature, line and load variations. The dropout voltage of the ADP3300 is only 80 mV (typical) at 50 mA.
The ADP3300 operates with a wide input voltage range from 3.0 V to 12 V and delivers a load current in excess of 50 mA.
It features an error flag that signals when the device is about to lose regulation or when the short circuit or thermal overload protection is activated. Other features include shutdown and optional noise reduction capabilities. The ADP330x anyCAP LDO family offers a wide range of output voltages and output current levels from 50 mA to 200 mA:
   ADP3301 (100 mA)
   ADP3302 (100 mA, Dual Output)
   ADP3303 (200 mA)
  
FEATURES
   High Accuracy Over Line and Load: ±0.8% @ 25°C, ±1.4% Over Temperature
   Ultralow Dropout Voltage: 80 mV Typical @ 50 mA
   Requires Only CO = 0.47 μF for Stability
   anyCAP = Stable with All Types of Capacitors (Including MLCC)
   Current and Thermal Limiting
   Low Noise
   Dropout Detector
   Low Shutdown Current: 1 μA
   3.0 V to 12 V Supply Range
   –40°C to +85°C Ambient Temperature Range
   Several Fixed Voltage Options
   Ultrasmall SOT-23 6-Lead Package
   Excellent Line and Load Regulation
  
APPLICATIONS
   Cellular Telephones
   Notebook, Palmtop Computers
   Battery Powered Systems
   PCMCIA Regulators
   Bar Code Scanners
   Camcorders, Cameras




Similar Part No. - ADP3300_01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300ART-2.7 AD-ADP3300ART-2.7 Datasheet
133Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-2.7 AD-ADP3300ART-2.7 Datasheet
123Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-2.85 AD-ADP3300ART-2.85 Datasheet
133Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-2.85 AD-ADP3300ART-2.85 Datasheet
123Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-27 AD-ADP3300ART-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
More results


Similar Description - ADP3300_01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-5REEL7 AD-ADP3300ARTZ-5REEL7 Datasheet
133Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3300ART-3-REEL7 AD-ADP3300ART-3-REEL7 Datasheet
123Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com