Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1753ACPZ-R7 Datasheet (PDF) - Analog Devices

ADP1753ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADP1753ACPZ-R7
Download  ADP1753ACPZ-R7 Download
File Size   703.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 A, Low VIN, Low Dropout Linear Regulator

ADP1753ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1753ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADP1753ACPZ-R7
Download  ADP1753ACPZ-R7 Click to download

File Size   703.27 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 A, Low VIN, Low Dropout Linear Regulator

ADP1753ACPZ-R7 Datasheet (HTML) - Analog Devices


ADP1753ACPZ-R7 Product details

GENERAL DESCRIPTION
The ADP1752/ADP1753 are low dropout (LDO) CMOS linear regulators that operate from 1.6 V to 3.6 V and provide up to 800 mA of output current. These low VIN/VOUT LDOs are ideal for regulation of nanometer FPGA geometries operating from 2.5 V down to 1.8 V I/O rails, and for powering core voltages down to 0.75 V. Using an advanced proprietary architecture, they provide high power supply rejection ratio (PSRR) and low noise, and achieve excellent line and load transient response with only a small 4.7 µF ceramic output capacitor.

FEATURES
    Maximum output current: 0.8 A
    Input voltage range: 1.6 V to 3.6 V
    Low shutdown current: <2 µA
    Very low dropout voltage: 70 mV @ 0.8 A load
    Initial accuracy: ±1%
    Accuracy over line, load, and temperature: ±2%
    7 fixed output voltage options with soft start 0.75 V to 2.5 V (ADP1752)
    Adjustable output voltage option with soft start 0.75 V to 3.3 V (ADP1753)
    High PSRR 65 dB @ 1 kHz 65 dB @ 10 kHz 54 dB @ 100 kHz
    23 μV rms at 0.75 V output
    Stable with small 4.7 µF ceramic output capacitor
    Excellent load and line transient response
    Current-limit and thermal overload protection
    Power-good indicator
    Logic-controlled enable
    Reverse current protection

APPLICATIONS
    Server computers
    Memory components
    Telecommunications equipment
    Network equipment
    DSP/FPGA/microprocessor supplies
    Instrumentation equipment/data acquisition systems




Similar Part No. - ADP1753ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1753 AD-ADP1753 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1753 AD-ADP1753 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1753 AD-ADP1753 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1753 AD-ADP1753 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1753 AD-ADP1753 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Similar Description - ADP1753ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
Linear Technology
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Analog Devices
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com