Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5271 Datasheet (PDF) - Analog Devices

AD5271 Datasheet PDF - Analog Devices
Part # AD5271
Download  AD5271 Download
File Size   725.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat

AD5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5271 Datasheet PDF - Analog Devices

Part # AD5271
Download  AD5271 Click to download

File Size   725.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat

AD5271 Datasheet (HTML) - Analog Devices


AD5271 Product details

GENERAL DESCRIPTION

The AD5270/AD52711 are single-channel, 1024-/256-position digital rheostats that combine industry leading variable resistor performance with nonvolatile memory (NVM) in a compact package.

The AD5270/AD5271 ensure less than 1% end-to-end resistor tolerance error and offer 50-times programmable (50-TP) memory.



FEATURES

Single-channel, 1024-/256-position resolution

20 kΩ, 50 kΩ, 100 kΩ nominal resistance

Maximum ±1% nominal resistor tolerance error

50-times programmable (50-TP) wiper memory

Rheostat mode temperature coefficient: 5 ppm/°C

2.7 V to 5.5 V single-supply operation

±2.5 V to ±2.75 V dual-supply operation for ac or bipolar operations

SPI-compatible interface

Wiper setting readback

Power on refreshed from 50-TP memory

Thin LFCSP, 10-lead, 3 mm × 3 mm × 0.8 mm package

Compact MSOP, 10-lead, 3 mm × 4.9 mm × 1.1 mm package



APPLICATIONS

Mechanical rheostat replacements

Op-amp: variable gain control

Instrumentation: gain, offset adjustment

Programmable voltage to current conversions

Programmable filters, delays, time constants

Programmable power supply

Sensor calibration




Similar Part No. - AD5271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
AD5272 AD-AD5272 Datasheet
720Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BCPZ-100-RL7 AD-AD5272BCPZ-100-RL7 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BCPZ-20-RL7 AD-AD5272BCPZ-20-RL7 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272BRMZ-100 AD-AD5272BRMZ-100 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
More results


Similar Description - AD5271

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5291 AD-AD5291 Datasheet
650Kb / 28P
256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
Nonvolatile Memory, Dual 1024-Position Digital Resistor
4/16-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com