Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD45401 Datasheet (PDF) - Rohm

BD45401 Datasheet PDF - Rohm
Part # BD45401
Download  BD45401 Download
File Size   482.77 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)

BD45401 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD45401 Datasheet PDF - Rohm

Part # BD45401
Download  BD45401 Click to download

File Size   482.77 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)

BD45401 Datasheet (HTML) - Rohm


BD45401 Product details

VOLTAGE DETECTOR IC with counter timer

BD45XXXG and BD46XXXG are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process.  New lineup of 156 types with delay time circuit have developed.  Delay time is fixed in the IC due to the built-in counter timer to require no external capacitor.  Total 156 types of VOLTAGE DETECTOR ICs including BD45XXXG series (Nch open drain output) and BD46XXXG series (CMOS output), each of which has 26 kinds in every 0.1V step (2.3~4.8V) and three kinds of delay time (50msec, 100msec, 200msec) have developed.

Features
1)  Built-in delay time circuit(Fixed delay time by the built-in ±10% of high-accuracy counter timer)
2)  No external capacitor for setting delay time required
3)  3 kinds of delay time:  50msec(Typ.)(BD45XX5G,BD46XX5G)
                                  100msec(Typ.)(BD45XX1G,BD46XX1G)
                                  200msec(Typ.)(BD45XX2G,BD46XX2G)
4)  Detection voltage: 2.3V ~ 4.8V  0.1V step
5)  High-accuracy detection voltage: ±1.0%
6)  Ultra low current consumption: 0.85mA typ.
7)  Output circuit: Nch open drain(BD45XXXG)
                        CMOS(BD46XXXG)
8)  Package:  SSOP5(SMP5C2)
9)  Operating temperature range:  -40°C ~ +105°C

Applications
Every kind of appliances with microcontroller and logic circuit




Similar Part No. - BD45401

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45401 ROHM-BD45401 Datasheet
280Kb / 10P
Counter Timer Built-in CMOS Voltage Detector IC
BD45401 ROHM-BD45401 Datasheet
482Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BD45401 ROHM-BD45401 Datasheet
570Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BD45401G ROHM-BD45401G Datasheet
469Kb / 4P
VOLTAGE DETECTOR IC
BD45401G ROHM-BD45401G Datasheet
222Kb / 6P
Voltage Detector IC built in Delay Citcuit
More results


Similar Description - BD45401

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
Counter Timer Built-in CMOS Voltage Detector IC
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
Counter Timer Built-in CMOS Voltage Detector IC
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
Molded JEDEC SOT-23 Package
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com