Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet (PDF) - STMicroelectronics

STM32F303VCT6 Datasheet PDF - STMicroelectronics
Part # STM32F303VCT6
Download  STM32F303VCT6 Download
File Size   1882.78 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation

STM32F303VCT6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F303VCT6 Datasheet PDF - STMicroelectronics

Part # STM32F303VCT6
Download  STM32F303VCT6 Click to download

File Size   1882.78 Kbytes
Page   132 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation

STM32F303VCT6 Datasheet (HTML) - STMicroelectronics


STM32F303VCT6 Product details

Description
The STM32F302xx/STM32F303xx family is based on the high-performance ARM® Cortex™-M4F 32-bit RISC core operating at a frequency of up to 72 MHz, and embedding a floating point unit (FPU), a memory protection unit (MPU) and an embedded trace macrocell (ETM). The family incorporates high-speed embedded memories (up to 256 Kbytes of Flash memory, up to 48 Kbytes of SRAM) and an extensive range of enhanced I/Os and peripherals connected to two APB buses.

Features
■ Core: ARM® 32-bit Cortex™-M4F CPU (72 MHz max), single-cycle multiplication and HW division, DSP instruction with FPU (floating-point unit) and MPU (memory protection unit).
■ Operating conditions:
    – VDD, VDDA voltage range: 2.0 V to 3.6 V
■ Memories
    – 128 to 256 Kbytes of Flash memory
    – Up to 40 Kbytes of SRAM on data bus with HW parity check
    – 8 Kbytes of SRAM on instruction bus with HW parity check (CCM)
■ CRC calculation unit
■ Reset and supply management
    – Power-on/Power down reset (POR/PDR)
    – Programmable voltage detector (PVD)
    – Low power modes: Sleep, Stop and Standby
    – VBAT supply for RTC and backup registers
■ Clock management
    – 4 to 32 MHz crystal oscillator
    – 32 kHz oscillator for RTC with calibration
    – Internal 8 MHz RC with x 16 PLL option
    – Internal 40 kHz oscillator
■ Up to 87 fast I/Os
    – All mappable on external interrupt vectors
    – Several 5 V-tolerant
■ 12-channel DMA controller
■ Up to four ADC 0.20 µS (up to 39 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, separate analog supply from 2 to 3.6 V
■ Up to two 12-bit DAC channels with analog supply from 2.4 to 3.6 V
■ Seven fast rail-to-rail analog comparators with analog supply from 2 to 3.6 V
■ Up to four operational amplifiers that can be used in PGA mode, all terminal accessible with analog supply from 2.4 to 3.6 V
■ Up to 24 capacitive sensing channels supporting touchkey, linear and rotary touch sensors
■ Up to 13 timers
    – One 32-bit timer and two 16-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input
    – Up to two 16-bit 6-channel advanced-control timers, with up to 6 PWM channels, deadtime generation and emergency stop
    – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation and emergency stop
    – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop
    – Two watchdog timers (independent, window)
    – SysTick timer: 24-bit downcounter
    – Up to two 16-bit basic timers to drive the DAC
■ Calendar RTC with Alarm, periodic wakeup from Stop/Standby
■ Communication interfaces
    – CAN interface (2.0B Active)
    – Two I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP – Up to five USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control)
    – Up to three SPIs, two with multiplexed I2S interface, 4 to 16 programmable bit frame
    – USB 2.0 full speed interface
    – Infrared Transmitter
■ Serial wire debug, JTAG, Cortex-M4F ETM
■ 96-bit unique ID




Similar Part No. - STM32F303VCT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303VC STMICROELECTRONICS-STM32F303VC Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F303VC STMICROELECTRONICS-STM32F303VC Datasheet
2Mb / 148P
ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
May 2016 Rev 13
More results


Similar Description - STM32F303VCT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
STM32F303XB STMICROELECTRONICS-STM32F303XB Datasheet
2Mb / 148P
ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
May 2016 Rev 13
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
STM32F373XX STMICROELECTRONICS-STM32F373XX_V01 Datasheet
1Mb / 137P
ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
08-Jun-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com