Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet (PDF) - Holtek Semiconductor Inc

HT45F4M Datasheet PDF - Holtek Semiconductor Inc
Part # HT45F4M
Download  HT45F4M Download
File Size   5350.41 Kbytes
Page   138 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Lithium Battery Backup Power ASSP MCU

HT45F4M Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45F4M Datasheet PDF - Holtek Semiconductor Inc

Part # HT45F4M
Download  HT45F4M Click to download

File Size   5350.41 Kbytes
Page   138 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Lithium Battery Backup Power ASSP MCU

HT45F4M Datasheet (HTML) - Holtek Semiconductor Inc


HT45F4M Product details

General Description
The device is a Flash Memory type 8-bit high performance RISC architecture microcontroller. Offering users the convenience of Flash Memory multi-programming features, this device also includes a wide range of functions and features. Other memory includes an area of RAM Data Memory as well as an area of EEPROM memory for storage of non-volatile data such as serial numbers, calibration data etc.

Features
CPU Features
•  Operating Voltage:
    ♦ fSYS=7.5MHz: 2.7V~5.5V
    ♦ fSYS=15MHz: 4.5V~5.5V
•  Up to 0.27μs instruction cycle with 15MHz system clock at VDD=5V
•  Power down and wake-up functions to reduce power consumption
•  Oscillators:
    ♦ Internal RC -- HIRC
    ♦ Internal 32kHz -- LIRC
•  Fully intergrated internal 30MHz oscillator requires no external components
•  Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
•  All instructions executed in one or two instruction cycles
•  Table read instructions
•  63 powerful instructions
•  4-level subroutine nesting
•  Bit manipulation instruction

Peripheral Features
•  Flash Program Memory: 2K×16
•  RAM Data Memory: 128×8
•  EEPROM Memory: 64×8
•  Watchdog Timer function
•  Up to 16 bidirectional I/O lines
•  Two pin-shared external interrupts
•  Multiple Timer Module for time measure, input capture, compare match output, PWM output function or single pulse output function
•  Over current protection (OCP) with interrupt
•  Over voltage protection (OVP) with interrupt
•  Dual Time-Base functions for generation of fxed time interrupt signals
•  8-channel 12-bit resolution A/D converter
•  Low voltage reset function (enable@2.55V)
•  Low voltage detect function
•  Package : 16-pin NSOP and 20-pin SSOP




Similar Part No. - HT45F4M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F4MA HOLTEK-HT45F4MA Datasheet
5Mb / 145P
Power Bank Flash MCU
December 14, 2016
More results


Similar Description - HT45F4M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56600-42 PHILIPS-SA56600-42 Datasheet
135Kb / 12P
System reset for lithium battery backup
2001 Jun 19
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
fujitsu semiconductor
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
ASSP for Power Supply Applications (Secondary Battery)
logo
Holtek Semiconductor In...
HT45FH4M HOLTEK-HT45FH4M Datasheet
5Mb / 138P
Lithium Battery Backup Power ASSP MCU
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
logo
Holtek Semiconductor In...
HT45F5N HOLTEK-HT45F5N Datasheet
7Mb / 202P
Power Bank ASSP Flash MCU
November 18, 2016
HT45F4630 HOLTEK-HT45F4630 Datasheet
6Mb / 153P
DC Motor Driver ASSP MCU
April 16, 2016
HT45F5R HOLTEK-HT45F5R Datasheet
6Mb / 138P
Charger ASSP Flash MCU
December 13, 2016
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
BATTERY BACKUP SYSTEM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com