Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R2K-B Datasheet (PDF) - Holtek Semiconductor Inc

HT45R2K-B Datasheet PDF - Holtek Semiconductor Inc
Part # HT45R2K-B
Download  HT45R2K-B Download
File Size   2025.92 Kbytes
Page   105 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale

HT45R2K-B Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45R2K-B Datasheet PDF - Holtek Semiconductor Inc

Part # HT45R2K-B
Download  HT45R2K-B Click to download

File Size   2025.92 Kbytes
Page   105 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale

HT45R2K-B Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT45R2K-B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
March 12, 2015
More results


Similar Description - HT45R2K-B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Holtek Semiconductor In...
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
Body Fat Scale Flash MCU
HT45R2K-C HOLTEK-HT45R2K-C_15 Datasheet
1Mb / 105P
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
March 12, 2015
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
Body Fat Scale Flash MCU
December 14, 2016
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
Body Fat Measurment Flash MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com