Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7123-2 Datasheet (PDF) - Holtek Semiconductor Inc

HT7123-2 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7123-2
Download  HT7123-2 Download
File Size   1593.29 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 30mA Low Power LDO

HT7123-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7123-2 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7123-2
Download  HT7123-2 Click to download

File Size   1593.29 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 30mA Low Power LDO

HT7123-2 Datasheet (HTML) - Holtek Semiconductor Inc


HT7123-2 Product details

General Description

The HT71xx-2 series is a set of three-terminal low power high voltage regulators implemented in CMOS

technology. They allow input voltages as high as 30V. They are available with several fixed output voltages

ranging from 2.1V to 5.0V. CMOS technology ensures low voltage drop and low quiescent current.



Features

• Low power consumption

• Low voltage drop

• Low temperature coefficient

• High input voltage (up to 30V)

• Output voltage accuracy: tolerance ±1%

• TO92, SOT89 and SOT23-5 package



Applications

• Battery-powered equipment

• Communication equipment

• Audio/Video equipment




Similar Part No. - HT7123-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7123-1 HOLTEK-HT7123-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7123-3 HOLTEK-HT7123-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
More results


Similar Description - HT7123-2

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
30mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
30mA Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
100mA Low Power LDO
Rev.A
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
300mA Low Power LDO
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com