Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7533-2 Datasheet (PDF) - Holtek Semiconductor Inc

HT7533-2 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7533-2
Download  HT7533-2 Download
File Size   104.17 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA Low Power LDO

HT7533-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7533-2 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7533-2
Download  HT7533-2 Click to download

File Size   104.17 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA Low Power LDO

HT7533-2 Datasheet (HTML) - Holtek Semiconductor Inc


HT7533-2 Product details

General Description

The HT75XX-2 series is a set of three-terminal low power high voltage implemented in CMOS technology. They can deliver 100mA output current and allow an input voltage as high as 24V. They are available with several fixed output voltages ranging from 2.1V to 12.0V.  CMOS technology ensures low voltage drop and low quiescent current.

Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain variable voltages and currents.



Features

• Low power consumption

• Low voltage drop

• Low temperature coefficient

• High input voltage (up to 24V)

• High output current : 100mA

• Output voltage accuracy: tolerance ±1%

• TO92, SOT89 and SOT23-5 packages



Applications

• Battery-powered equipment

• Communication equipment

• Audio/Video equipment



 




Similar Part No. - HT7533-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7533-2 HOLTEK-HT7533-2 Datasheet
96Kb / 9P
100mA Low Power LDO
HT7533-2 HOLTEK-HT7533-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
HT7533-2 HOLTEK-HT7533-2 Datasheet
385Kb / 18P
100mA TinyPowerTM LDO
January 11, 2019
HT7533-2 HOLTEK-HT7533-2 Datasheet
676Kb / 17P
30V, 100mA Low Power LDO
V1.91 December 03, 2025
logo
TECH PUBLIC Electronics...
HT7533-2-TP TECHPUBLIC-HT7533-2-TP Datasheet
2Mb / 5P
150mA CMOS Linear Regulator
More results


Similar Description - HT7533-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
100mA Low Power LDO
April 30, 2013
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
100mA Low Power LDO
Rev.A
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
100mA Low Power LDO
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com