Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1703A Datasheet (PDF) - Microchip Technology

MCP1703A Datasheet PDF - Microchip Technology
Part # MCP1703A
Download  MCP1703A Download
File Size   3488.81 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 250 mA, 16V, Low Quiescent Current LDO Regulator

MCP1703A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1703A Datasheet PDF - Microchip Technology

Part # MCP1703A
Download  MCP1703A Click to download

File Size   3488.81 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 250 mA, 16V, Low Quiescent Current LDO Regulator

MCP1703A Datasheet (HTML) - Microchip Technology


MCP1703A Product details

Description:

The MCP1703A is an improved version of the MCP1703 low dropout (LDO) voltage regulator that can deliver up to 250 mA of current while consuming only 2.0 µA of quiescent current (typical). The input operating range is specified from 2.7V to 16.0V, making it an ideal choice for two to six primary cell battery powered applications, 9V alkaline and one or two cell Li-Ion-powered applications.



Features:

• Reduced Ground Current During Dropout

• Faster Startup Time

• 2.0 µA Typical Quiescent Current

• Input Operating Voltage Range: 2.7V to16.0V

• 250 mA Output Current for Output Voltages ≥2.5V

• 200 mA Output Current for Output Voltages < 2.5V

• Low Dropout Voltage, 625 mV Typical @ 250 mA for VR=2.8V

• 0.4% Typical Output Voltage Tolerance

• Standard Output Voltage Options:

   - 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, 5.0V

• Output Voltage Range: 1.2V to 5.5V in 0.1V Increments (50 mV increments available upon request)

• Stable with 1.0 µF to 22 µF Ceramic Output Capacitance

• Short-Circuit Protection

• Overtemperature Protection



Applications:

• Battery-Powered Devices

• Battery-Powered Alarm Circuits

• Smoke Detectors

• CO2 Detectors

• Pagers and Cellular Phones

• Smart Battery Packs

• Low Quiescent Current Voltage Reference

• PDAs

• Digital Cameras

• Microcontroller Power

• Solar-Powered Instruments

• Consumer Products




Similar Part No. - MCP1703A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703AT-1201E/CB MICROCHIP-MCP1703AT-1201E/CB Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/DB MICROCHIP-MCP1703AT-1201E/DB Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/MB MICROCHIP-MCP1703AT-1201E/MB Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1201E/MC MICROCHIP-MCP1703AT-1201E/MC Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
MCP1703AT-1202E MICROCHIP-MCP1703AT-1202E Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
More results


Similar Description - MCP1703A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com