Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD558JPZ Datasheet (PDF) - Analog Devices

AD558JPZ Datasheet PDF - Analog Devices
Part # AD558JPZ
Download  AD558JPZ Download
File Size   839.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC

AD558JPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD558JPZ Datasheet PDF - Analog Devices

Part # AD558JPZ
Download  AD558JPZ Click to download

File Size   839.06 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC

AD558JPZ Datasheet (HTML) - Analog Devices


AD558JPZ Product details

PRODUCT DESCRIPTION
The AD558 DACPORT® is a complete voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision voltage reference on a single monolithic chip. No external components or trims are required to interface, with full accuracy, an 8-bit data bus to an analog system.
   
FEATURES
    Complete 8-Bit DAC
    Voltage Output–2 Calibrated Ranges
    Internal Precision Bandgap Reference
    Single-Supply Operation: +5 V to +15 V
    Full Microprocessor Interface
    Fast: 1 μs Voltage Settling to ±1/2 LSB
    Low Power: 75 mW
    No User Trims
    Guaranteed Monotonic Over Temperature
    All Errors Specified TMIN to TMAX
    Small 16-Pin DIP and 20-Pin PLCC Packages
    Single Laser-Wafer-Trimmed Chip for Hybrids
    Low Cost
    MIL-STD-883 Compliant Versions Available
   




Similar Part No. - AD558JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD558JPZ AD-AD558JPZ Datasheet
1Mb / 10P
DACPORT Low Cost Complete P0compatible 8-Bit DAC
15-Jul-2017
AD558JPZ-REEL AD-AD558JPZ-REEL Datasheet
1Mb / 10P
DACPORT Low Cost Complete P0compatible 8-Bit DAC
15-Jul-2017
AD558JPZ-REEL7 AD-AD558JPZ-REEL7 Datasheet
1Mb / 10P
DACPORT Low Cost Complete P0compatible 8-Bit DAC
15-Jul-2017
More results


Similar Description - AD558JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD557 AD-AD557 Datasheet
238Kb / 4P
DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
AD558 AD-AD558 Datasheet
334Kb / 8P
DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
AD557 AD-AD557_01 Datasheet
108Kb / 6P
a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD558JNZ AD-AD558JNZ Datasheet
839Kb / 8P
DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_15 Datasheet
560Kb / 6P
DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. B
AD558 AD-AD558_15 Datasheet
839Kb / 8P
DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD558 AD-AD558_17 Datasheet
1Mb / 10P
DACPORT Low Cost Complete P0compatible 8-Bit DAC
15-Jul-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com