Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2700D Datasheet (PDF) - Motorola, Inc

MPX2700D Datasheet PDF - Motorola, Inc
Part # MPX2700D
Download  MPX2700D Download
File Size   190.73 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)

MPX2700D Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX2700D Datasheet PDF - Motorola, Inc

Part # MPX2700D
Download  MPX2700D Click to download

File Size   190.73 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)

MPX2700D Datasheet (HTML) - Motorola, Inc


MPX2700D Product details

The MPX2700 series device is a silicon piezoresistive pressure sensor providing a highly accurate and linear voltage output — directly proportional to the applied pressure. The sensor is a single monolithic silicon diaphragm with the strain gauge and a thin–film resistor network integrated on–chip. The sensor is laser trimmed for precise span and offset calibration and temperature compensation.



Features

• Unique Silicon Shear Stress Strain Gauge

• ±0.5% Linearity

• Easy to Use Chip Carrier Package

• Basic Element, Single and Dual Ported Devices Available

• Available in Absolute, Differential and Gauge configurations



Application Examples

• Pump/Motor Controllers

• Pneumatic Control

• Tire Pressure Gauges

• Robotics

• Medical Diagnostics

• Pressure Switching

• Hydraulics



 




Similar Part No. - MPX2700D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
X-ducer SILICON PRESSURE SENSORS
MPX2700AP MOTOROLA-MPX2700AP Datasheet
164Kb / 6P
X-ducer SILICON PRESSURE SENSORS
MPX2700ASX MOTOROLA-MPX2700ASX Datasheet
164Kb / 6P
X-ducer SILICON PRESSURE SENSORS
More results


Similar Description - MPX2700D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com