Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7528LP Datasheet (PDF) - Analog Devices

AD7528LP Datasheet PDF - Analog Devices
Part # AD7528LP
Download  AD7528LP Download
File Size   191.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Dual 8-Bit Buffered Multiplying DAC

AD7528LP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7528LP Datasheet PDF - Analog Devices

Part # AD7528LP
Download  AD7528LP Click to download

File Size   191.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Dual 8-Bit Buffered Multiplying DAC

AD7528LP Datasheet (HTML) - Analog Devices


AD7528LP Product details

GENERAL DESCRIPTION
The AD7528 is a monolithic dual 8-bit digital/analog converter featuring excellent DAC-to-DAC matching. It is available in skinny 0.3" wide 20-lead DIPs and in 20-lead surface mount packages.
Separate on-chip latches are provided for each DAC to allow easy microprocessor interface.
Data is transferred into either of the two DAC data latches via a common 8-bit TTL/CMOS compatible input port. Control input DAC A/DAC B determines which DAC is to be loaded.
The AD7528’s load cycle is similar to the write cycle of a random access memory and the device is bus compatible with most 8-bit microprocessors, including 6800, 8080, 8085, Z80.
The device operates from a +5 V to +15 V power supply, dissipating only 20 mW of power.
Both DACs offer excellent four quadrant multiplication characteristics with a separate reference input and feedback resistor for each DAC.

FEATURES
  On-Chip Latches for Both DACs
  +5 V to +15 V Operation
  DACs Matched to 1%
  Four Quadrant Multiplication
  TTL/CMOS Compatible
  Latch Free (Protection Schottkys not Required)
 
APPLICATIONS
  Digital Control of:
    Gain/Attenuation
    Filter Parameters
    Stereo Audio Circuits
    X-Y Graphics




Similar Part No. - AD7528LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528LP AD-AD7528LP Datasheet
188Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
AD7528LP AD-AD7528LP Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LP AD-AD7528LP Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Similar Description - AD7528LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
AD7628 AD-AD7628 Datasheet
193Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV.A
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com