Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM213EARSZ Datasheet (PDF) - Analog Devices

ADM213EARSZ Datasheet PDF - Analog Devices
Part # ADM213EARSZ
Download  ADM213EARSZ Download
File Size   464.59 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers

ADM213EARSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM213EARSZ Datasheet PDF - Analog Devices

Part # ADM213EARSZ
Download  ADM213EARSZ Click to download

File Size   464.59 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers

ADM213EARSZ Datasheet (HTML) - Analog Devices


ADM213EARSZ Product details

GENERAL DESCRIPTION
The ADM2xxE is a family of robust RS-232 and V.28 interface devices that operate from a single 5 V power supply. These products are suitable for operation in harsh electrical environments and are compliant with the EU directive on electromagnetic compatibility (EMC) (89/336/EEC). The level of emissions and immunity are both in compliance. EM immunity includes ESD protection in excess of ±15 kV on all I/O lines (IEC 1000-4-2), fast transient burst protection (IEC 1000­4­4), and radiated immunity (IEC 1000-4-3). EM emissions include radiated and conducted emissions as required by Information Technology Equipment EN 55022, CISPR 22.

FEATURES
  Complies with 89/336/EEC EMC directive
  ESD protection to IEC 1000-4-2 (801-2)
     Contact discharge: ±8 kV
     Air-gap discharge: ±15 kV
     Human body model: ±15 kV
  EFT/burst immunity (IEC 1000-4-4)
  Low EMI emissions (EN 55022)
  Eliminates need for TransZorb® suppressors
  230 kbps data rate guaranteed
  Single 5 V power supply
  Shutdown mode 1 μW
  Plug-in upgrade for MAX2xxE
  Space saving TSSOP package available

APPLICATIONS
  Laptop computers
  Notebook computers
  Printers
  Peripherals
  Modems




Similar Part No. - ADM213EARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL1 AD-ADM213EARSZ-REEL1 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL1 AD-ADM213EARSZ-REEL1 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ1 AD-ADM213EARSZ1 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ1 AD-ADM213EARSZ1 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results


Similar Description - ADM213EARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM206E AD-ADM206E Datasheet
204Kb / 16P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com