Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM1100AR Datasheet (PDF) - Analog Devices

ADuM1100AR Datasheet PDF - Analog Devices
Part # ADuM1100AR
Download  ADuM1100AR Download
File Size   384.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description iCoupler Digital Isolator

ADuM1100AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADuM1100AR Datasheet PDF - Analog Devices

Part # ADuM1100AR
Download  ADuM1100AR Click to download

File Size   384.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description iCoupler Digital Isolator

ADuM1100AR Datasheet (HTML) - Analog Devices


ADuM1100AR Product details

GENERAL DESCRIPTION
The ADuM1100 is a digital isolator based on Analog Devices Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, this isolation component provides outstanding performance characteristics superior to alternatives, such as optocoupler devices.

FEATURES
   High data rate: dc to 100 Mbps (NRZ)
   Compatible with 3.3 V and 5.0 V operation/level translation
   125°C maximum operating temperature
   Low power operation
      5 V operation
        1.0 mA maximum @ 1 Mbps
        4.5 mA maximum @ 25 Mbps
        16.8 mA maximum @ 100 Mbps
     3.3 V operation
       0.4 mA maximum @ 1 Mbps
      3.5 mA maximum @ 25 Mbps
      7.1 mA maximum @ 50 Mbps
   8-lead SOIC_N package (RoHS compliant version available)
   High common-mode transient immunity: >25 kV/μs
   Safety and regulatory approvals
     UL recognized
       2500 V rms for 1 minute per UL 1577
     CSA Component Acceptance Notice #5A
     VDE Certificate of Conformity
       DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
       VIORM = 560 V peak

APPLICATIONS
   Digital field bus isolation
   Opto-isolator replacement
   Computer peripheral interface
   Microprocessor system interface
   General instrumentation and data acquisition applications




Similar Part No. - ADuM1100AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100AR AD-ADUM1100AR Datasheet
167Kb / 16P
iCoupler Digital Isolator
ADUM1100AR-RL7 AD-ADUM1100AR-RL7 Datasheet
167Kb / 16P
iCoupler Digital Isolator
ADUM1100ARWZ AD-ADUM1100ARWZ Datasheet
253Kb / 8P
ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
More results


Similar Description - ADuM1100AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
iCoupler Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com