Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ377Q Datasheet (PDF) - Toshiba Semiconductor

2SJ377Q Datasheet PDF - Toshiba Semiconductor
Part # 2SJ377Q
Download  2SJ377Q Download
File Size   403.61 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Relay Drive, DC/DC Converter and Motor Drive Applications

2SJ377Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ377Q Datasheet PDF - Toshiba Semiconductor

Part # 2SJ377Q
Download  2SJ377Q Click to download

File Size   403.61 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Relay Drive, DC/DC Converter and Motor Drive Applications

2SJ377Q Datasheet (HTML) - Toshiba Semiconductor


2SJ377Q Product details

Relay Drive, DC/DC Converter and Motor Drive Applications

• 4 V gate drive
• Low drain-source ON-resistance : RDS (ON) = 0.16 Ω (typ.)
• High forward transfer admittance : |Yfs| = 4.0 S (typ.)
• Low leakage current : IDSS = −100 μA (max) (VDS = −60 V)
• Enhancement mode : Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ377Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ377 TOSHIBA-2SJ377 Datasheet
279Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, REALY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ377 TOSHIBA-2SJ377 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377 Datasheet
411Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
logo
VBsemi Electronics Co.,...
2SJ377 VBSEMI-2SJ377 Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
More results


Similar Description - 2SJ377Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
DC-DC Converter Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com