Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H27U4G6F2D Datasheet (PDF) - Hynix Semiconductor

H27U4G6F2D Datasheet PDF - Hynix Semiconductor
Part # H27U4G6F2D
Download  H27U4G6F2D Download
File Size   1015.66 Kbytes
Page   62 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Gbit (512M x 8 bit) NAND Flash

H27U4G6F2D Datasheet (PDF)

Go To PDF Page Download Datasheet
H27U4G6F2D Datasheet PDF - Hynix Semiconductor

Part # H27U4G6F2D
Download  H27U4G6F2D Click to download

File Size   1015.66 Kbytes
Page   62 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4 Gbit (512M x 8 bit) NAND Flash

H27U4G6F2D Datasheet (HTML) - Hynix Semiconductor


H27U4G6F2D Product details

Summary Description

H27(U_S)4G8_6F2D series is a 512Mx8bit with spare 16Mx8 bit capacity. The device is offered in 3.0/1.8 Vcc Power Supply, and with x8 and x16 I/O interface Its NAND cell provides the most cost-effective solution for the solid state mass storage market. The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased.

The device contains 4096 blocks, composed by 64 pages. Memory array is split into 2 planes, each of them consisting of 2048 blocks. Like all other 2KB - page NAND Flash devices, a program operation allows to write the 2112-byte page in typical 200us(3.3V) and an erase operation can be performed in typical 3.5ms on a 128K-byte block. In addition to this, thanks to multi-plane architecture, it is possible to program 2 pages at a time (one per each plane) or to erase 2 blocks at a time (again, one per each plane). As a consequence, multi-plane architecture allows program

time to be reduced by 40% and erase time to be reduction by 50%. In case of multi-plane operation, there is small degradation at 1.8V application in terms of program/erase time.




Similar Part No. - H27U4G6F2D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27U4G8F2D HYNIX-H27U4G8F2D Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
H27U4G8F2E HYNIX-H27U4G8F2E Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
H27U4G8F2F HYNIX-H27U4G8F2F Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results


Similar Description - H27U4G6F2D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
logo
Samsung semiconductor
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59L4G81XB ESMT-F59L4G81XB Datasheet
2Mb / 87P
4 Gbit (512M x 8) 3.3V NAND Flash Memory
logo
Toshiba Semiconductor
TC58BVG2S0HBAI6 TOSHIBA-TC58BVG2S0HBAI6 Datasheet
2Mb / 53P
4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2018-06-01C
TC58NVG2S0FBAI4 TOSHIBA-TC58NVG2S0FBAI4 Datasheet
679Kb / 71P
4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NVG2S0FTAI0 TOSHIBA-TC58NVG2S0FTAI0 Datasheet
527Kb / 71P
4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S0FBAI4 TOSHIBA-TC58NYG2S0FBAI4 Datasheet
1Mb / 71P
4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S3ETA00 TOSHIBA-TC58NYG2S3ETA00 Datasheet
504Kb / 70P
4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2010-07-13C
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com