Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34176 Datasheet (PDF) - Tyco Electronics

34176 Datasheet PDF - Tyco Electronics
Part # 34176
Download  34176 Download
File Size   76.09 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPADE, PLASTI-GRIP WIRE SIZE:12-10 AWG

34176 Datasheet (PDF)

Go To PDF Page Download Datasheet
34176 Datasheet PDF - Tyco Electronics

Part # 34176
Download  34176 Click to download

File Size   76.09 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPADE, PLASTI-GRIP WIRE SIZE:12-10 AWG

34176 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 34176

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34176 TEC-34176 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
More results


Similar Description - 34176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-130014-1 MACOM-2-130014-1 Datasheet
42Kb / 1P
PLASTI-GRIP TERMINAL WIRE SIZE : 22-16 AWG
52856 MACOM-52856 Datasheet
91Kb / 1P
TERMINAL, SPADE, FLANGED, PLASTI-GRIP, WIRE SIZE: 12-10 AWG
32951 MACOM-32951 Datasheet
77Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG
34143 MACOM-34143 Datasheet
40Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
34148 MACOM-34148 Datasheet
87Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
35492 MACOM-35492 Datasheet
39Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE : 12-10
52350 MACOM-52350 Datasheet
80Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE: 6 AWG
10054 MACOM-10054 Datasheet
39Kb / 1P
TERMINAL, SPADE, PLASTI GRIP
52963 MACOM-52963 Datasheet
91Kb / 1P
TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG
logo
TE Connectivity Ltd
52041 TEC-52041 Datasheet
85Kb / 1P
TERMINAL, RING TONGUE, PLASTI GRIP, WIRE SIZE : 8 AWG
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com