Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2052V Datasheet (PDF) - STMicroelectronics

TDA2052V Datasheet PDF - STMicroelectronics
Part # TDA2052V
Download  TDA2052V Download
File Size   4122.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY

TDA2052V Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2052V Datasheet PDF - STMicroelectronics

Part # TDA2052V
Download  TDA2052V Click to download

File Size   4122.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY

TDA2052V Datasheet (HTML) - STMicroelectronics


TDA2052V Product details

DESCRIPTION
The TDA2052 is a monolithic integrated circuit in Heptawatt package, intended for use as audio class AB amplifier in TV or Hi-Fi field application.
Thanks to the wide voltage range and to the high out current capability it’s able to supply the highest power into both 4Ω and 8Ω loads even in presence of poor supply regulation.
The built in Muting/Stand-by function simplifies the remote operations avoiding also switching on-off noises.

■ SUPPLY VOLTAGE RANGE UP TO ±25V
■ SPLIT SUPPLY OPERATION
■ HIGH OUTPUT POWER (UP TO 60W MUSIC POWER)
■ LOW DISTORTION
■ MUTE/STAND-BY FUNCTION
■ NO SWITCH ON/OFF NOISE
■ AC SHORT CIRCUIT PROTECTION
■ THERMAL SHUTDOWN
■ ESD PROTECTION




Similar Part No. - TDA2052V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
164Kb / 13P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Feb-1997
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
More results


Similar Description - TDA2052V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
164Kb / 13P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Feb-1997
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
May-1997
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Jan-2003
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com