Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555CN Datasheet (PDF) - STMicroelectronics

TS555CN Datasheet PDF - STMicroelectronics
Part # TS555CN
Download  TS555CN Download
File Size   234.3 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power single CMOS timer

TS555CN Datasheet (PDF)

Go To PDF Page Download Datasheet
TS555CN Datasheet PDF - STMicroelectronics

Part # TS555CN
Download  TS555CN Click to download

File Size   234.3 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power single CMOS timer

TS555CN Datasheet (HTML) - STMicroelectronics


TS555CN Product details

Description
The TS555 is a single CMOS timer with a very low consumption:
(Icc(TYP) TS555 = 110 µA at VCC = +5 V versus Icc(TYP)NE555 = 3 mA),
and high frequency:
(ff(max.) TS555 = 2.7 MHz versus
f(max) NE555 = 0.1 MHz).
Timing remains accurate in both monostable and astable mode.
The TS555 provides reduced supply current spikes during output transitions, which enable the use of lower decoupling capacitors compared to those required by bipolar NE555.
With the high input impedance (1012Ω), timing capacitors can also be minimized.

Features
■ Very low power consumption:
   110 µA typ at VCC = 5 V
   90 µa typ at VCC = 3 V
■ High maximum astable frequency of 2.7 MHz
■ Pin-to-pin functionally-compatible with bipolar NE555
■ Wide voltage range: +2 V to +16 V
■ Supply current spikes reduced during output transitions
■ High input impedance: 1012 Ω
■ Output compatible with TTL, CMOS and logic MOS




Similar Part No. - TS555CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS555CN STMICROELECTRONICS-TS555CN Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
More results


Similar Description - TS555CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com