Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS028028015-SF-9N Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS028028015-SF-9N Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS028028015-SF-9N
Download  ATS028028015-SF-9N Download
File Size   418.7 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin

ATS028028015-SF-9N Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS028028015-SF-9N Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS028028015-SF-9N
Download  ATS028028015-SF-9N Click to download

File Size   418.7 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description 28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin

ATS028028015-SF-9N Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS028028015-SF-9N Product details

Features & Benefits
High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments
Features a low profile, slant fin array that offers many of the performance benefits of maxiFLOW™ at a great value
Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Comes standard without interface material or with most common pressure sensitive thermal tapes as a custom option




Similar Part No. - ATS028028015-SF-9N

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS028028015-MF-9N ATS-ATS028028015-MF-9N Datasheet
420Kb / 1P
28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS028028015-PF-9N ATS-ATS028028015-PF-9N Datasheet
390Kb / 1P
28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028015-PF021 ATS-ATS028028015-PF021_17 Datasheet
240Kb / 1P
Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
More results


Similar Description - ATS028028015-SF-9N

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS028028015-PF-9N ATS-ATS028028015-PF-9N Datasheet
390Kb / 1P
28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS028028015-MF-9N ATS-ATS028028015-MF-9N Datasheet
420Kb / 1P
28.00 x 28.00 x 15.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS028028005-SF-9D ATS-ATS028028005-SF-9D Datasheet
418Kb / 1P
28.00 x 28.00 x 5.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028006-SF-9E ATS-ATS028028006-SF-9E Datasheet
418Kb / 1P
28.00 x 28.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028008-SF-9G ATS-ATS028028008-SF-9G Datasheet
418Kb / 1P
28.00 x 28.00 x 8.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028009-SF-9H ATS-ATS028028009-SF-9H Datasheet
418Kb / 1P
28.00 x 28.00 x 9.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028010-SF-9I ATS-ATS028028010-SF-9I Datasheet
418Kb / 1P
28.00 x 28.00 x 10.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028011-SF-9J ATS-ATS028028011-SF-9J Datasheet
418Kb / 1P
28.00 x 28.00 x 11.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS028028022-SF-9U ATS-ATS028028022-SF-9U Datasheet
418Kb / 1P
28.00 x 28.00 x 22.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
ATS028028023-SF-9V ATS-ATS028028023-SF-9V Datasheet
418Kb / 1P
28.00 x 28.00 x 23.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com