Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-217 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-217 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-217
Download  ACPL-217 Download
File Size   153.49 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC Input , Half-Pitch Phototransistor Optocoupler SO package

ACPL-217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-217 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-217
Download  ACPL-217 Click to download

File Size   153.49 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description DC Input , Half-Pitch Phototransistor Optocoupler SO package

ACPL-217 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-217 Product details

Description

The ACPL-217 is a DC-input single channel half-pitch phototransistor optocoupler which contains a light emitting diode optically coupled to a phototransistor. It is packaged in a 4-pin SO package. The input-output isolation voltage is rated at 3000 Vrms. Response time, tr, is 2μs typically, while minimum CTR is 50% at input current of 5 mA



Features

• Current transfer ratio (CTR: 50% (min) at IF = 5mA, VCC = 5V)

• High input-output isolation voltage (VISO = 3,000VRMS)

• Non-saturated Response time (tr: 2μs (typ) at VCC = 10V, IC = 2mA, RL= 100Ω)

• SO package

• CMR 10kV/μs (typical)

• Safety and regulatory approvals

- cUL

- IEC/EN/DIN EN 60747-5-2

• Options available:

– CTR Ranks 0, A, B, C & D



Applications

• I/O Interface for Programmable controllers, computers.

• Sequence controllers

• System appliances, measuring instruments

• Signal transmission between circuits of different potentials and impedances.




Similar Part No. - ACPL-217

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217 AVAGO-ACPL-217 Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
DC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-500E AVAGO-ACPL-217-500E Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-50AE AVAGO-ACPL-217-50AE Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-50BE AVAGO-ACPL-217-50BE Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
More results


Similar Description - ACPL-217

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-214 AVAGO-ACPL-214 Datasheet
165Kb / 7P
AC Input, Half-Pitch Phototransistor Optocoupler SO package
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-56BE AVAGO-ACPL-217-56BE Datasheet
153Kb / 7P
DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
DC Input, Half-Pitch Phototransistor Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com