Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F877A-IL Datasheet (PDF) - Microchip Technology

PIC16F877A-IL Datasheet PDF - Microchip Technology
Part # PIC16F877A-IL
Download  PIC16F877A-IL Download
File Size   2690.75 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers

PIC16F877A-IL Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F877A-IL Datasheet PDF - Microchip Technology

Part # PIC16F877A-IL
Download  PIC16F877A-IL Click to download

File Size   2690.75 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers

PIC16F877A-IL Datasheet (HTML) - Microchip Technology


PIC16F877A-IL Product details

DEVICE OVERVIEW
This document contains device specific information about the following devices:

• PIC16F873A
• PIC16F874A
• PIC16F876A
• PIC16F877A

PIC16F873A/876A devices are available only in 28-pin packages, while PIC16F874A/877A devices are available in 40-pin and 44-pin packages. All devices in the PIC16F87XA family share common architecture with the following differences:
• The PIC16F873A and PIC16F874A have one-half of the total on-chip memory of the PIC16F876A and PIC16F877A
• The 28-pin devices have three I/O ports, while the 40/44-pin devices have five
• The 28-pin devices have fourteen interrupts, while the 40/44-pin devices have fifteen
• The 28-pin devices have five A/D input channels, while the 40/44-pin devices have eight
• The Parallel Slave Port is implemented only on the 40/44-pin devices

Devices Included in this Data Sheet:
• PIC16F873A • PIC16F874A
• PIC16F876A • PIC16F877A

High-Performance RISC CPU:
• Only 35 single-word instructions to learn
• All single-cycle instructions except for program branches, which are two-cycle
• Operating speed: DC – 20 MHz clock input DC – 200 ns instruction cycle
• Up to 8K x 14 words of Flash Program Memory,
  Up to 368 x 8 bytes of Data Memory (RAM),
  Up to 256 x 8 bytes of EEPROM Data Memory
• Pinout compatible to other 28-pin or 40/44-pin PIC16CXXX and PIC16FXXX microcontrollers

Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be incremented during Sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Two Capture, Compare, PWM modules
   - Capture is 16-bit, max. resolution is 12.5 ns
   - Compare is 16-bit, max. resolution is 200 ns
   - PWM max. resolution is 10-bit
• Synchronous Serial Port (SSP) with SPI™ (Master mode) and I2C™ (Master/Slave)
• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI) with 9-bit address detection
• Parallel Slave Port (PSP) – 8 bits wide with external RD, WR and CS controls (40/44-pin only)
• Brown-out detection circuitry for Brown-out Reset (BOR)

Analog Features:
• 10-bit, up to 8-channel Analog-to-Digital Converter (A/D)
• Brown-out Reset (BOR)
• Analog Comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference (VREF) module
   - Programmable input multiplexing from device inputs and internal voltage reference
   - Comparator outputs are externally accessible

Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced Flash program memory typical
• 1,000,000 erase/write cycle Data EEPROM memory typical
• Data EEPROM Retention > 40 years
• Self-reprogrammable under software control
• In-Circuit Serial Programming™ (ICSP™) via two pins
• Single-supply 5V In-Circuit Serial Programming
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code protection
• Power saving Sleep mode
• Selectable oscillator options
• In-Circuit Debug (ICD) via two pins

CMOS Technology:
• Low-power, high-speed Flash/EEPROM technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Commercial and Industrial temperature ranges
• Low-power consumption




Similar Part No. - PIC16F877A-IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F877A-I-PT MICROCHIP-PIC16F877A-I-PT Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F877A-IP MICROCHIP-PIC16F877A-IP Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
More results


Similar Description - PIC16F877A-IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F87XA MICROCHIP-PIC16F87XA_13 Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12 2001-2013
PIC16F876A-ISP MICROCHIP-PIC16F876A-ISP Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-I-PT MICROCHIP-PIC16F877A-I-PT Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F877AT-I-PTG MICROCHIP-PIC16F877AT-I-PTG Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-E MICROCHIP-PIC16F877A-E Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com