Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA180N10T7 Datasheet (PDF) - IXYS Corporation

IXTA180N10T7 Datasheet PDF - IXYS Corporation
Part # IXTA180N10T7
Download  IXTA180N10T7 Download
File Size   203.27 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description PreliminaryTechnical Information TrenchMVTM Power MOSFET

IXTA180N10T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXTA180N10T7 Datasheet PDF - IXYS Corporation

Part # IXTA180N10T7
Download  IXTA180N10T7 Click to download

File Size   203.27 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description PreliminaryTechnical Information TrenchMVTM Power MOSFET

IXTA180N10T7 Datasheet (HTML) - IXYS Corporation


IXTA180N10T7 Product details

TrenchMV™ Power MOSFET

N-Channel Enhancement Mode
Avalanche Rated

Features
• Ultra-low On Resistance
• Unclamped Inductive Switching (UIS) rated
• Low package inductance
    - easy to drive and to protect
• 175 ° C Operating Temperature

Advantages
• Easy to mount
• Space savings
• High power density

Applications
• Automotive
    - Motor Drives
    - 42V Power Bus
    - ABS Systems
• DC/DC Converters and Off-line UPS
• Primary Switch for 24V and 48V Systems
• Distributed Power Architechtures and VRMs
• Electronic Valve Train Systems
• High Current Switching Applications
• High Voltage Synchronous Recifier




Similar Part No. - IXTA180N10T7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
logo
Inchange Semiconductor ...
IXTA180N10T ISC-IXTA180N10T Datasheet
300Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IXTA180N10T7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP80N10T IXYS-IXTP80N10T Datasheet
190Kb / 5P
TrenchMVTM Power MOSFET
IXTP130N10T IXYS-IXTP130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET
IXTA152N085T IXYS-IXTA152N085T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA98N075T IXYS-IXTA98N075T Datasheet
79Kb / 2P
Advance Technical Information TrenchMVTM Power MOSFET
IXTY44N10T IXYS-IXTY44N10T Datasheet
203Kb / 5P
TrenchMVTM Power MOSFET
IXTF280N055T IXYS-IXTF280N055T Datasheet
63Kb / 2P
TrenchMVTM Power MOSFET
IXTN200N10T IXYS-IXTN200N10T Datasheet
174Kb / 5P
TrenchMVTM Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com